Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8577 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8577
Description  High Voltage 4-CH LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8577 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8577 Datasheet HTML 1Page - Richtek Technology Corporation RT8577 Datasheet HTML 2Page - Richtek Technology Corporation RT8577 Datasheet HTML 3Page - Richtek Technology Corporation RT8577 Datasheet HTML 4Page - Richtek Technology Corporation RT8577 Datasheet HTML 5Page - Richtek Technology Corporation RT8577 Datasheet HTML 6Page - Richtek Technology Corporation RT8577 Datasheet HTML 7Page - Richtek Technology Corporation RT8577 Datasheet HTML 8Page - Richtek Technology Corporation RT8577 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DS8577-00 November 2011
www.richtek.com
RT8577
Typical Application Circuit
Figure 1. General Application
Figure 2. External P-MOSFET Isolation Application
LED1
LED4
VOUT
3, 17, 18,
21 (Exposed Pad)
GND
2
19
VC
9
560
0.22µF
RC
CC
PGND
13
11
6
External/Internal PWM
EN
PWM
:
:
:
:
:
:
:
:
ROVP2
ROVP1
COUT
4.7µF x 6
RRT
RT 8
9.1k
RISET 5
RISET
CREG
15
CREG
CSS
10
SS
0.1µF
1µF
47µF
CIN
CF
RF1
RSENSE
RDRV
5
1µF
CVCC
……
VIN
9V to 28V
14
12
16
DRV
SEN
VCC
MSW
OVP/UVP 4
Chip Enable
RT8577
10µH
L1
D1
STATUS
RSTATUS
100k
7
FLT
RF2
1k
1k
100
0
1nF
VIN
100m
56k
3.3M
82k
45V
:
:
:
:
LED2 1
3, 17, 18,
21 (Exposed Pad)
GND
VC
9
560
0.22µF
RC
CC
PGND
13
11
6
External/Internal PWM
EN
PWM
RRT
RT 8
9.1k
RISET 5
RISET
CREG
15
CREG
CSS
10
SS
0.1µF
1µF
47µF
CIN
CF
RF1
RSENSE
RDRV
5
1µF
CVCC
VIN
9V to 28V
14
12
16
DRV
SEN
VCC
MSW
OVP/UVP 1
Chip Enable
RT8577
10µH
L1
D1
STATUS
RSTATUS
100k
7
FLT
RF2
1k
1k
100
0
1nF
VIN
FLT
100m
56k
ROVP2
ROVP1
3.3M
82k
LED1
LED4
VOUT
2
19
:
:
:
:
:
:
:
:
COUT
4.7µF x 6
……
45V
:
:
:
:
LED2 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com