Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9367C Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9367C
Description  I2C Programmable White LED Driver with Dual LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9367C Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9367C Datasheet HTML 9Page - Richtek Technology Corporation RT9367C Datasheet HTML 10Page - Richtek Technology Corporation RT9367C Datasheet HTML 11Page - Richtek Technology Corporation RT9367C Datasheet HTML 12Page - Richtek Technology Corporation RT9367C Datasheet HTML 13Page - Richtek Technology Corporation RT9367C Datasheet HTML 14Page - Richtek Technology Corporation RT9367C Datasheet HTML 15Page - Richtek Technology Corporation RT9367C Datasheet HTML 16Page - Richtek Technology Corporation RT9367C Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RT9367C
13
DS9367C-01 March 2011
www.richtek.com
Applications Information
The RT9367C is a high efficiency charge pump white LED
driver. It provides 4 channels low dropout voltage current
source to regulated 4 white LEDs current. For high
efficiency, the RT9367C implements a smart mode
transition for charge pump operation. The RT9367C
provides I2C dimming function for LED brightness control.
Input UVLO
The input operating voltage range of the RT9367C is 2.8V
to 5.5V. An input capacitor at the VIN pin could reduce
ripple voltage. It is recommended to use a ceramic 1uF or
larger capacitance as the input capacitor. This IC provides
an under voltage lockout (UVLO) function to prevent it from
unstable issue when startup. The UVLO threshold of input
rising voltage is set at 2V typically with a hysteresis 0.1V.
Soft Start
The RT9367C includes a soft start circuit to limit the inrush
current at power on and mode switching. The soft start
circuit limits the input current before output voltage
reaching a desired voltage level.
Mode Decision
The RT9367C uses a smart mode decision method to
select the working mode for maximum efficiency. The
charg pump can operation at x1, x1.5 or x2 mode. The
mode decision circuit senses the output voltage and LED
voltage for up/down selection.
Selecting Capacitors
To get better performance of RT9367C, the selection of
peripherally appropriate capacitor and value is very
important. These capacitors determine some parameters
such as input/output ripple voltage, power efficiency and
maximum supply current by charge pump. To reduce the
input and output ripple effectively, the low ESR ceramic
capacitors are recommended. For LED driver applications,
the input voltage ripple is more important than output
ripple. The input ripple is controlled by input capacitor
CIN, increasing the value of input capacitance can further
reduce the ripple. Practically, the input voltage ripple
depends on the power supply's impedance. The flying
capacitor CFLY1 and CFLY2 determine the supply current
capability of the charge pump that will influence the overall
efficiency of the system. The lower value will improve
efficiency, but it will limit the LED's current at low input
voltage. For 4 X 25mA load over the entire input voltage
range of 2.8V to 5.5V, it is recommended to use 1
μF
ceramic capacitor on the flying capacitor CFLY1 & CFLY2.
Power Sequence
In order to assure the RT9367C's operation in normal
condition, the Input voltage and ENA should be ready
before the RT9367C get the I2C signal showed in Figure 3
and the RT9367C can be shut down by pulling ENA low.
When ENA is reset, the I2C signal also needs to be resent
again for operating at normal condition.
Dual LDO
Like any low-dropout regulator, the external capacitors
used with the RT9367C must be carefully selected for
regulator stability and performance. Using a capacitor
whose value is > 1
μF on the RT9367C input and the amount
of capacitance can be increased without limit. The input
capacitor must be located at a distance of not more than
0.5 inch from the input pin of the IC and returned to a
clean analog ground. Any good quality ceramic or tantalum
can be used for this capacitor. The capacitor with larger
value and lower ESR (equivalent series resistance) provides
better PSRR and line-transient response. The output
capacitor must meet both requirements for minimum
amount of capacitance and ESR in all LDOs application.
The RT9367C is designed specifically to work with low
ESR ceramic output capacitor in space-saving and
performance consideration. Using a ceramic capacitor
whose value is at least 1
μF with ESR is > 20mΩ on the
RT9367C output ensures stability. The RT9367C still
works well with output capacitor of other types due to the
wide stable ESR range. Figure 4. shows the curves of
allowable ESR range as a function of load current for various
Figure 3. The power sequence
SCL
……………
……………
ENA
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com