Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9367C Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9367C
Description  I2C Programmable White LED Driver with Dual LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9367C Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9367C Datasheet HTML 1Page - Richtek Technology Corporation RT9367C Datasheet HTML 2Page - Richtek Technology Corporation RT9367C Datasheet HTML 3Page - Richtek Technology Corporation RT9367C Datasheet HTML 4Page - Richtek Technology Corporation RT9367C Datasheet HTML 5Page - Richtek Technology Corporation RT9367C Datasheet HTML 6Page - Richtek Technology Corporation RT9367C Datasheet HTML 7Page - Richtek Technology Corporation RT9367C Datasheet HTML 8Page - Richtek Technology Corporation RT9367C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
RT9367C
3
DS9367C-01 March 2011
www.richtek.com
Timing Diagram
S
= Start Condition
W
= Write (SDA = “0")
R
= Read (SDA = “1")
ACK = Acknowledge
P
= Stop Condition
Start
A6 A5 A4 A3 A2 A1 A0 0
I2C Adress
B7 B6 B5 B4 B3 B2 B1 B0
C7 C6 C5 C4 C3 C2 C1 C0
Stop
Sub
Adress
Data II
Test Mode
The 1st Word (Chip
Address, R/W)
The 2nd Word (Sub
Address, Data)
The 3rd Word (data)
B7 B6 B5 B4 B3 B2 B1 B0
0 0 0 C4 C3 C2 C1 C0
Start
Stop
B7
12
3456789
12
B6
B2 B1 B0
3456
789
12
34
56789
C5 C4 C3 C2 C1 C0
W
S
P
00
SCL
SDA
A6 A5 A4 A3 A2 A1 A0 0
A0
A1
A2
A3
A4
A5
A6
B5
00
B3
Channel
selection
ACK
ACK
ACK
R/W
ON/OFF
Figure 1. I2C Interface Trimming Diagram
Figure 2
S
tHD,STA
tSU,DAT
tLOW
tf
tr
tHIGH
tSU,STO
tBUF
PS
SDA
SCL
tHD,DAT
VIL(MAX)
VIH(MIN)
VIL(MAX)
VIH(MIN)
ENA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com