Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9941 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9941
Description  Power Management ICs for Handheld Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9941 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9941 Datasheet HTML 9Page - Richtek Technology Corporation RT9941 Datasheet HTML 10Page - Richtek Technology Corporation RT9941 Datasheet HTML 11Page - Richtek Technology Corporation RT9941 Datasheet HTML 12Page - Richtek Technology Corporation RT9941 Datasheet HTML 13Page - Richtek Technology Corporation RT9941 Datasheet HTML 14Page - Richtek Technology Corporation RT9941 Datasheet HTML 15Page - Richtek Technology Corporation RT9941 Datasheet HTML 16Page - Richtek Technology Corporation RT9941 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
RT9941
13
DS9941-01 April 2011
www.richtek.com
I2C Power On LDO4, LDO5
Time (25
μs/Div)
CLK
(5V/Div)
DATA
(5V/Div)
LDO4
(2V/Div)
LDO5
(2V/Div)
I2C Power Off LDO4, LDO5
Time (25
μs/Div)
LDO4
(2V/Div)
DATE
(5V/Div)
CLK
(5V/Div)
LDO5
(2V/Div)
Normal to Deep Sleep Mode
Time (100
μs/Div)
VLDO3 (2V/Div)
VLDO2 (2V/Div)
VLDO4 (5V/Div)
VBuck2 (5V/Div)
VLDO1 5V/Div)
VBuck1 (2V/Div)
DATA(5V/Div)
VLDO5 5V/Div)
VBATT = 4V, IOUT = 500mA
Buck1 Output Voltage Ripple
Time (500ns/Div)
ILX1
(500mA/Div)
VBuck1
(20mV/Div)
VLX1
(2V/Div)
Normal to Sleep Mode
Time (10ms/Div)
VLDO2
(1V/Div)
VBuck2
(1V/Div)
Power On nRESET Response
Time (50ms/Div)
nRESET
(5V/Div)
VPWR_EN
(2V/Div)
VPWR_EN
(1V/Div)
VBATT = 4V
VBATT = 4V
VBATT = 4V
VBATT = 4V
VBATT = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com