Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9941 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT9941
Description  Power Management ICs for Handheld Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9941 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT9941 Datasheet HTML 17Page - Richtek Technology Corporation RT9941 Datasheet HTML 18Page - Richtek Technology Corporation RT9941 Datasheet HTML 19Page - Richtek Technology Corporation RT9941 Datasheet HTML 20Page - Richtek Technology Corporation RT9941 Datasheet HTML 21Page - Richtek Technology Corporation RT9941 Datasheet HTML 22Page - Richtek Technology Corporation RT9941 Datasheet HTML 23Page - Richtek Technology Corporation RT9941 Datasheet HTML 24Page - Richtek Technology Corporation RT9941 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
RT9941
21
DS9941-01 April 2011
www.richtek.com
Figure 6. Power and Interface Module
I
2C
Decoder
I
2C
Registers
and Non-
Volatile
Memory
Interrupt
Controller
System and
Battery
Charger
Control Logic
Sequencing
& Operating
Mode
Setting
Host
Processor
CLK
DATA
nINT
nRESET
nPBSTAS
PWR_HOLD
HP_PWR
PWR_ON
VSYS
VMEM
VSYS
PWR_IN
BATT
PWR_EN
VSYS
VSYS
LDO1, 2 voltage setting by Pin S1 and S2
LDO2 and Buck2 can be turned on/off by the external PWR_EN pin.
The I2C will be activated if the Buck1 is enabled.
LDO 4,5 can be turn on by PWR_EN pin in the first power on sequence.
LDO 1, 2, 3, 4, 5 and Buck1, 2 output voltages can turned on and off by I2C.
LDO 3, 4, 5 and Buck2 output voltages can be programmed by I2C.
Figure 7. RT9941 POWER ON/OFF Timing Diagram
PWR_ON
LDO3
BUCK1
LDO1
PWR_EN
LDO2
LDO4
LDO5
BUCK2
PWR_HOLD
I
2C: LDO4/5_EN
nRESET
300ms
100µs
100µs
200ms
VDD_PRE
VDD_IO, VDDIO_PLL
VDDIO_MEM, VREF_MEM
VDD_PDN
VDD_PLL, VDDA_PLL
VDDA2V5_USB,
VDDIO_TSC
VDDA_TSC, VREF_ADC
VDDA3V3_USB
10µs
100µs
300µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com