Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9513 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9513
Description  Linear Single Cell Li-Ion Battery Charger IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9513 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9513 Datasheet HTML 1Page - Richtek Technology Corporation RT9513 Datasheet HTML 2Page - Richtek Technology Corporation RT9513 Datasheet HTML 3Page - Richtek Technology Corporation RT9513 Datasheet HTML 4Page - Richtek Technology Corporation RT9513 Datasheet HTML 5Page - Richtek Technology Corporation RT9513 Datasheet HTML 6Page - Richtek Technology Corporation RT9513 Datasheet HTML 7Page - Richtek Technology Corporation RT9513 Datasheet HTML 8Page - Richtek Technology Corporation RT9513 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9513
2
DS9513-01 April 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Nam e
Pin Function
1
ACIN
Wall Adaptor Charge Input Supply.
2, 7, 9
NC
No Internal Connection.
3
CHG_S
Charge Status Indicator Output (open drain).
4
PGOOD
Power Good Indicator Output (open drain).
5
GND
Ground.
6
ISETA
Wall Adaptor Supply Charge Current Set Point.
8
EN
Charge Enable Input (active low).
10
BATT
Battery Charge Current Output.
Exposed Pad (11) GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
Function Block Diagram
Precharge
+
-
2.5V
Recharge
+
-
2.5V
+
-
Thermal
Sense
V/I
0.25V
2.5V
2.5V
V/I
+
-
Precharge
VREF
2.5V
0.25V
0.5V
+
-
Charge Done
0.25V
Logic
+
-
Charge
Disable
0.9V
1uA
Precharge
Comparator
Recharge
Comparator
ACIN
ISETA
BATT
Voltage
Amplifier
Current
Amplifier
Tcrmination
Comparator
VCC
115 C
CHG_S
PGOOD
EN
Charge Input
Selection
OVP
+
-
2.5V
OVP
Comparator
ACIN
PFET
SENSE
FET
GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com