Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9513 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9513
Description  Linear Single Cell Li-Ion Battery Charger IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9513 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9513 Datasheet HTML 1Page - Richtek Technology Corporation RT9513 Datasheet HTML 2Page - Richtek Technology Corporation RT9513 Datasheet HTML 3Page - Richtek Technology Corporation RT9513 Datasheet HTML 4Page - Richtek Technology Corporation RT9513 Datasheet HTML 5Page - Richtek Technology Corporation RT9513 Datasheet HTML 6Page - Richtek Technology Corporation RT9513 Datasheet HTML 7Page - Richtek Technology Corporation RT9513 Datasheet HTML 8Page - Richtek Technology Corporation RT9513 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT9513
1
DS9513-01 April 2011
www.richtek.com
Features
18V Maximum Rating for AC Adapter
Internal Integrate P-MOSFETs
AC Adapter Power Good Status Indicator
Charge Status Indicator
Under Voltage Protection
Over Voltage Protection
Automatic Recharge Feature
Small 10-Lead WDFN Package
Thermal Feedback Optimizing Charge Rate
RoHS Compliant and Halogen Free
Pin Configurations
Applications
Digital Cameras
Cellular Phones
Personal Data Assistants (PDAs)
MP3 Players
Hand Held PCs
Ordering Information
General Description
The RT9513 is a fully integrated low cost single-cell Li-
Ion battery charger IC ideal for portable applications. The
RT9513 is capable of being powered up from AC adapter.
The RT9513 enters sleep mode when AC adapter is
removed.
The RT9513 optimizes the charging task by using a control
algorithm including preconditioning mode, fast charge
mode and constant voltage mode. The charging task is
terminated as the charge current drops below the preset
threshold. The AC adapter charge current can be
programmed up to 1A with an external resister. The internal
thermal feedback circuitry regulates the die temperature
to optimize the charge rate for all ambient temperatures.
The RT9513 features 18V maximum rating voltages for
AC adapter. The other features are under voltage
protection, over voltage protection for AC adapter supply.
(TOP VIEW)
WDFN-10L 3x3
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Linear Single Cell Li-Ion Battery Charger IC
ACIN
NC
GND
BATT
NC
ISETA
NC
9
8
7
1
2
3
4
5
10
GND
CHG_S
PGOOD
EN
11
Typical Application Circuit
RT9513
1uF
AC
Adapter
ACIN
GND
BATT
Battery Pack
1
3
4
5,
Exposed Pad (11)
10
CHG_S
PGOOD
To System
To System
8
EN
Chip Shutdown
Chip Enable
ISETA
RSET
6
RT9513
Package Type
QW : WDFN-10L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9513

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9511 RICHTEK-RT9511 Datasheet
525Kb / 24P
Fully Integrated Battery Charger with Two Step-Down Converters
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9516 RICHTEK-RT9516 Datasheet
218Kb / 11P
Linear Single Cell Li-lon Battery Charger with Single Input Supply for Portable Applications
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
More results

Similar Description - RT9513

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com