Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD323XT Datasheet(PDF) 5 Page - Sony Corporation

Part # SLD323XT
Description  1W High Power Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD323XT Datasheet(HTML) 5 Page - Sony Corporation

  SLD323XT Datasheet HTML 1Page - Sony Corporation SLD323XT Datasheet HTML 2Page - Sony Corporation SLD323XT Datasheet HTML 3Page - Sony Corporation SLD323XT Datasheet HTML 4Page - Sony Corporation SLD323XT Datasheet HTML 5Page - Sony Corporation SLD323XT Datasheet HTML 6Page - Sony Corporation SLD323XT Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
– 5 –
SLD323XT
Wavelength [nm]
802
0.2
0.4
0.6
0.8
1.0
810
808
806
804
Tth = 25
°C
Po = 400mW
Wavelength [nm]
802
0.2
0.4
0.6
0.8
1.0
810
808
806
804
Tth = 25
°C
Po = 800mW
Wavelength [nm]
802
0.2
0.4
0.6
0.8
1.0
810
808
806
804
Tth = 25
°C
Po = 1000mW
Wavelength [nm]
802
0.2
0.4
0.6
0.8
1.0
810
808
806
804
Tth = 25
°C
Po = 600mW
Power dependence of spectrum



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com