Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD323XT Datasheet (PDF) - Sony Corporation

SLD323XT Datasheet PDF - Sony Corporation
Part # SLD323XT
Download  SLD323XT Download
File Size   96.76 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1W High Power Laser Diode

SLD323XT Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD323XT Datasheet PDF - Sony Corporation

Part # SLD323XT
Download  SLD323XT Click to download

File Size   96.76 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1W High Power Laser Diode

SLD323XT Datasheet (HTML) - Sony Corporation


SLD323XT Product details

Description
The SLD323XT is a high power, gain-guided laser diode produced by MOCVD method∗1. Compared to the SLD300 Series, this laser diode has a high brightness output with a doubled optical density which can be achived by QW-SCH structure∗2. Fine adjustment of the oscillation wavelength is possible by controlling the temperature using the built-in TE cooler (Peltier element).

Features
• High power
    Recommended optical power output: Po = 1.0W
• Low operating current: Iop = 1.4A (Po = 1.0W)
• Flat package with built-in photo diode, TE cooler, and thermistor

Applications
• Solid state laser excitation
• Medical use
• Material processes
• Measurement




Similar Part No. - SLD323XT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD3232VF SONY-SLD3232VF Datasheet
136Kb / 2P
Laser Diode
logo
List of Unclassifed Man...
SLD3233VF ETC2-SLD3233VF Datasheet
54Kb / 2P
High-Power Blue-Violet Laser Diode for Blu-ray Discs
logo
Roithner LaserTechnik G...
SLD3235VF ROITHNER-SLD3235VF Datasheet
490Kb / 3P
Violet Laser Diode
SLD3236VF ROITHNER-SLD3236VF Datasheet
490Kb / 3P
Violet Laser Diode
logo
Sony Corporation
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
High Power Density 1W Laser Diode
More results


Similar Description - SLD323XT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD1324ZT SONY-SLD1324ZT Datasheet
175Kb / 7P
High-Power Density 1W Laser Diode
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
High Power Density 1W Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Sony Corporation
SLD333V SONY-SLD333V Datasheet
47Kb / 4P
1W High Power Laser Diode
SLD332F SONY-SLD332F Datasheet
89Kb / 5P
1W High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-1064-2000-TO3 ROITHNER-RLCO-1064-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com