Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD333V Datasheet (PDF) - Sony Corporation

SLD333V Datasheet PDF - Sony Corporation
Part # SLD333V
Download  SLD333V Download
File Size   47.51 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1W High Power Laser Diode

SLD333V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD333V Datasheet PDF - Sony Corporation

Part # SLD333V
Download  SLD333V Click to download

File Size   47.51 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1W High Power Laser Diode

SLD333V Datasheet (HTML) - Sony Corporation


SLD333V Product details

Description
The SLD333V is a 1W high power laser diode designed to have a uniform emission area that is suitable for the applications of measurement and printing, etc.
It adopts a φ9 package that is easy to handle.

Features
• High power
   Recommended optical power output: Po = 1W
• High-optical power density: 1W/100µm
   (Emitting line width)




Similar Part No. - SLD333V

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD332F SONY-SLD332F Datasheet
89Kb / 5P
1W High Power Laser Diode
SLD334YT SONY-SLD334YT Datasheet
61Kb / 4P
2W High Power Laser Diode
SLD335F SONY-SLD335F Datasheet
149Kb / 5P
5W High Power Laser Diode
SLD335YT SONY-SLD335YT Datasheet
60Kb / 4P
4W High Power Laser Diode
More results


Similar Description - SLD333V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD1324ZT SONY-SLD1324ZT Datasheet
175Kb / 7P
High-Power Density 1W Laser Diode
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
High Power Density 1W Laser Diode
SLD323XT SONY-SLD323XT Datasheet
96Kb / 7P
1W High Power Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Sony Corporation
SLD332F SONY-SLD332F Datasheet
89Kb / 5P
1W High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-1064-2000-TO3 ROITHNER-RLCO-1064-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com