Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD334YT Datasheet (PDF) - Sony Corporation

SLD334YT Datasheet PDF - Sony Corporation
Part # SLD334YT
Download  SLD334YT Download
File Size   61.55 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2W High Power Laser Diode

SLD334YT Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD334YT Datasheet PDF - Sony Corporation

Part # SLD334YT
Download  SLD334YT Click to download

File Size   61.55 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2W High Power Laser Diode

SLD334YT Datasheet (HTML) - Sony Corporation


SLD334YT Product details

Description
The SLD334YT has a package with a Peltier cooler, and allows independent thermal and electric design.
It realizes a uniform emission area by adopting a new chip structure.

Features
• High-optical power output
   Recommended optical power output: Po = 2.0W
• High-optical power density: 2W/200µm
   (Emitting line width)

Applications
• Solid state laser excitation
• Material processing
• Measurement
• Printing




Similar Part No. - SLD334YT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD332F SONY-SLD332F Datasheet
89Kb / 5P
1W High Power Laser Diode
SLD333V SONY-SLD333V Datasheet
47Kb / 4P
1W High Power Laser Diode
SLD335F SONY-SLD335F Datasheet
149Kb / 5P
5W High Power Laser Diode
SLD335YT SONY-SLD335YT Datasheet
60Kb / 4P
4W High Power Laser Diode
More results


Similar Description - SLD334YT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD324ZT SONY-SLD324ZT Datasheet
72Kb / 7P
High-Power Density 2W Laser Diode
SLD342YT SONY-SLD342YT Datasheet
75Kb / 3P
2W High Power Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-1064-2000-TO3 ROITHNER-RLCO-1064-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
logo
Lumics GmbH
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com