Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD324ZT Datasheet (PDF) - Sony Corporation

SLD324ZT Datasheet PDF - Sony Corporation
Part # SLD324ZT
Download  SLD324ZT Download
File Size   72.71 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High-Power Density 2W Laser Diode

SLD324ZT Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD324ZT Datasheet PDF - Sony Corporation

Part # SLD324ZT
Download  SLD324ZT Click to download

File Size   72.71 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High-Power Density 2W Laser Diode

SLD324ZT Datasheet (HTML) - Sony Corporation


SLD324ZT Product details

Description
The SLD324ZT is a gain-guided, high-power density laser diode with a built-in TE cooler. A new flat, square package with a low thermal resistance and an in-line pin configuration is employed. Fine tuning of the wavelength is possible by controlling the laser chip temperature.

Features
• High power Recommended optical power output: Po = 2.0W
• Low operating current: Iop = 2.5A (Po = 2.0W)
• Newly developed flat package with built-in photodiode, TE cooler and thermistor

Applications
• Solid state laser excitation
• Medical use
• Material processes
• Measurement




Similar Part No. - SLD324ZT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
High Power Density 0.5W Laser Diode
SLD322V-1 SONY-SLD322V-1 Datasheet
68Kb / 7P
High Power Density 0.5W Laser Diode
SLD322V-2 SONY-SLD322V-2 Datasheet
68Kb / 7P
High Power Density 0.5W Laser Diode
SLD322V-21 SONY-SLD322V-21 Datasheet
68Kb / 7P
High Power Density 0.5W Laser Diode
SLD322V-24 SONY-SLD322V-24 Datasheet
68Kb / 7P
High Power Density 0.5W Laser Diode
More results


Similar Description - SLD324ZT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD1324ZT SONY-SLD1324ZT Datasheet
175Kb / 7P
High-Power Density 1W Laser Diode
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
High Power Density 0.5W Laser Diode
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
High Power Density 1W Laser Diode
SLD342YT SONY-SLD342YT Datasheet
75Kb / 3P
2W High Power Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Sony Corporation
SLD334YT SONY-SLD334YT Datasheet
61Kb / 4P
2W High Power Laser Diode
logo
Lumics GmbH
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com