Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD322V Datasheet (PDF) - Sony Corporation

SLD322V Datasheet PDF - Sony Corporation
Part # SLD322V
Download  SLD322V Download
File Size   68.37 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High Power Density 0.5W Laser Diode

SLD322V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD322V Datasheet PDF - Sony Corporation

Part # SLD322V
Download  SLD322V Click to download

File Size   68.37 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High Power Density 0.5W Laser Diode

SLD322V Datasheet (HTML) - Sony Corporation


SLD322V Product details

Description
The SLD322V is a high power, gain-guided laser diode produced by MOCVD method∗1. Compared to the SLD300 Series, this laser diode has a high brightness output with a doubled optical density which can be achieved by QW-SCH structure*2.
*1 MOCVD: Metal Organic Chemical Vapor Deposition
*2 QW-SCH: Quantum Well Separate Confinement Heterostructure

Features
• High power
   Recommended optical power output: Po = 0.5W
• Low operating current: Iop = 0.75A (Po = 0.5W)

Applications
• Solid state laser excitation
• Medical use
• Material processes
• Measurement




Similar Part No. - SLD322V

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD322XT SONY-SLD322XT Datasheet
97Kb / 7P
0.5W High Power Laser Diode
SLD322XT-1 SONY-SLD322XT-1 Datasheet
97Kb / 7P
0.5W High Power Laser Diode
SLD322XT-2 SONY-SLD322XT-2 Datasheet
97Kb / 7P
0.5W High Power Laser Diode
SLD322XT-21 SONY-SLD322XT-21 Datasheet
97Kb / 7P
0.5W High Power Laser Diode
SLD322XT-24 SONY-SLD322XT-24 Datasheet
97Kb / 7P
0.5W High Power Laser Diode
More results


Similar Description - SLD322V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD1324ZT SONY-SLD1324ZT Datasheet
175Kb / 7P
High-Power Density 1W Laser Diode
SLD322XT SONY-SLD322XT Datasheet
97Kb / 7P
0.5W High Power Laser Diode
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
High Power Density 1W Laser Diode
SLD324ZT SONY-SLD324ZT Datasheet
72Kb / 7P
High-Power Density 2W Laser Diode
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
High Power LED - 0.5W
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
High Power LED-0.5W
EHP-A21SUG31H-PU5TR EVERLIGHT-EHP-A21SUG31H-PU5TR Datasheet
267Kb / 15P
High Power LED-0.5W
EHP-A21SUR31A-PU5TR EVERLIGHT-EHP-A21SUR31A-PU5TR Datasheet
266Kb / 15P
High Power LED-0.5W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com