Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD1324ZT Datasheet (PDF) - Sony Corporation

SLD1324ZT Datasheet PDF - Sony Corporation
Part # SLD1324ZT
Download  SLD1324ZT Download
File Size   175.6 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High-Power Density 1W Laser Diode

SLD1324ZT Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD1324ZT Datasheet PDF - Sony Corporation

Part # SLD1324ZT
Download  SLD1324ZT Click to download

File Size   175.6 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High-Power Density 1W Laser Diode

SLD1324ZT Datasheet (HTML) - Sony Corporation


SLD1324ZT Product details

Description
The SLD1324ZT is a gain-guided, high-power laser diode with 1W red visible output. The flat package with built-in TE cooler is adopted and fine tuning of wavelength is possible by controlling the laser chip temperature.

Features
• High power
    Recommended optical power output :1.0W
• Emitting line width :200µm
• Flat package with built-in photodiode, TE cooler and thermistor

Applications
• Medical use
• Solid state laser excitation




Similar Part No. - SLD1324ZT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD131UL SONY-SLD131UL Datasheet
127Kb / 7P
GaAlAs Laser Diode
logo
List of Unclassifed Man...
SLD1332V ETC1-SLD1332V Datasheet
37Kb / 2P
The Industrys Highest Power 670 nm Band Laser Diode Achieves 500 mW Optical Power Output
logo
Sony Corporation
SLD1332V SONY-SLD1332V Datasheet
81Kb / 3P
670nm, 500mW LASER DIODE
More results


Similar Description - SLD1324ZT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
High Power Density 0.5W Laser Diode
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
High Power Density 1W Laser Diode
SLD323XT SONY-SLD323XT Datasheet
96Kb / 7P
1W High Power Laser Diode
SLD324ZT SONY-SLD324ZT Datasheet
72Kb / 7P
High-Power Density 2W Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Sony Corporation
SLD333V SONY-SLD333V Datasheet
47Kb / 4P
1W High Power Laser Diode
SLD332F SONY-SLD332F Datasheet
89Kb / 5P
1W High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com