Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9526 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9526
Description  Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9526 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9526 Datasheet HTML 1Page - Richtek Technology Corporation RT9526 Datasheet HTML 2Page - Richtek Technology Corporation RT9526 Datasheet HTML 3Page - Richtek Technology Corporation RT9526 Datasheet HTML 4Page - Richtek Technology Corporation RT9526 Datasheet HTML 5Page - Richtek Technology Corporation RT9526 Datasheet HTML 6Page - Richtek Technology Corporation RT9526 Datasheet HTML 7Page - Richtek Technology Corporation RT9526 Datasheet HTML 8Page - Richtek Technology Corporation RT9526 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9526
2
DS9526-01 April 2011
www.richtek.com
Function Pin Description
Pin No.
SOT-26-6
WDFN-8L 2x2 /
WDFN-8L 2x3
Pin Name
Pin Function
3
1
VIN
Supply Voltage Input. VIN can withstand up to 28V input.
--
2
PGB
Power Good Indicator. This pin connects to VIN with 10SL
N-MOSFET as power good condition.
1
3
CHG_SB
Charge Status Indicator Output (Open drain). Indicate low when
battery is charging; indicate high when battery charging finished or
any fault happened.
--
4
ENB
Charge Enable (Active Low). Connect this pin with 200k
Ω pull low
resistor.
2
5,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
6
6
IMIN
EOC Current Setting Pin.
5
7
ISET
Charge Current Set Point.
4
8
BATT
Battery Charge Current Output.
Typical Application Circuit
Marking Information
IMIN
CHG_SB
BATT
ENB
RT9526
CIN
VIN
Adapter or USB
GND
COUT
RISET
VBATT
PGB
ISET
RIMIN
R1
VBATT
R2
EN= : Product Code
DNN : Date Code
EX=DNN
JJ : Product Code
W : Date Code
04 : Product Code
W : Date Code
RT9526GE
RT9526GQW
RT9526GQWA
JJW
04W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com