Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9526 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9526
Description  Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9526 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9526 Datasheet HTML 1Page - Richtek Technology Corporation RT9526 Datasheet HTML 2Page - Richtek Technology Corporation RT9526 Datasheet HTML 3Page - Richtek Technology Corporation RT9526 Datasheet HTML 4Page - Richtek Technology Corporation RT9526 Datasheet HTML 5Page - Richtek Technology Corporation RT9526 Datasheet HTML 6Page - Richtek Technology Corporation RT9526 Datasheet HTML 7Page - Richtek Technology Corporation RT9526 Datasheet HTML 8Page - Richtek Technology Corporation RT9526 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT9526
1
DS9526-01 April 2011
www.richtek.com
Pin Configurations
(TOP VIEW)
WDFN-8L 2x2
Linear Single Cell Li-Ion Battery Charger with Input Over
Voltage Protection
General Description
The RT9526 is a fully integrated low cost single cell Li-ion
battery charger ideal for portable applications. The RT9526
is capable of being powered up from AC adapter and USB
(Universal Serial Bus) port inputs. The RT9526 enters
sleep mode when supplies are removed. The RT9526
optimizes the charging task by using a control algorithm
including preconditioning mode, fast charge mode, and
constant voltage mode. The charging task will remain in
constant voltage mode to hold the battery in a full charge
condition. The charge current can be programmed with an
external resistor. The internal thermal feedback circuitry
regulates the die temperature to optimize the charge rate
under all ambient temperatures. The RT9526 features 28V
maximum rating voltage for VIN. The other features are
under voltage protection and over voltage protection for
the AC adapter supply.
The RT9526 is available in WDFN-8L 2x2, WDFN-8L 2x3
and SOT-23-6 packages to achieve best solution for PCB
space and total BOM cost saving considerations.
Features
28V Maximum Rating for AC Adapter
Internal Integrated Power FETs
AC Adapter Power Good Status Indicator
Programmed Charging Current
Charge Status Indicator
Programmed End of Charge Current
Under Voltage Protection
Over Voltage Protection
Thermal Feedback Optimizing Charge Rate
RoHS Compliant and Halogen Free
Applications
Cellular Phones
Digital Cameras
PDAs and Smart Phones
Portable Instruments
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
SOT-23-6
WDFN-8L 2x3
VIN
ENB
PGB
BATT
ISET
IMIN
GND
CHG_SB
9
7
6
5
1
2
3
4
8
ISET
VIN
ENB
PGB
BATT
GND
CHG_SB
7
6
5
1
2
3
4
8
9
IMIN
CHG_SB GND VIN
IMIN ISET BATT
4
23
5
6
RT9526
Package Type
E : SOT-23-6
QW : WDFN-8L 2x2 (W-Type)
QWA : WDFN-8L 2x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9526

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A Datasheet
148Kb / 10P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
RT9526AGE RICHTEK-RT9526AGE Datasheet
148Kb / 10P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526AGE RICHTEK-RT9526AGE Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
RT9526AGQW RICHTEK-RT9526AGQW Datasheet
148Kb / 10P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
More results

Similar Description - RT9526

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9526A RICHTEK-RT9526A Datasheet
148Kb / 10P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5803 GMT-G5803 Datasheet
76Kb / 1P
1A Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com