Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD322XT-21 Datasheet(PDF) 1 Page - Sony Corporation

Part # SLD322XT-21
Description  0.5W High Power Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD322XT-21 Datasheet(HTML) 1 Page - Sony Corporation

  SLD322XT-21 Datasheet HTML 1Page - Sony Corporation SLD322XT-21 Datasheet HTML 2Page - Sony Corporation SLD322XT-21 Datasheet HTML 3Page - Sony Corporation SLD322XT-21 Datasheet HTML 4Page - Sony Corporation SLD322XT-21 Datasheet HTML 5Page - Sony Corporation SLD322XT-21 Datasheet HTML 6Page - Sony Corporation SLD322XT-21 Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
0.5W High Power Laser Diode
Description
The SLD322XT is a high power, gain-guided laser diode produced
by MOCVD method∗1. Compared to the SLD300 Series, this laser
diode has a high brightness output with a doubled optical density
which can be achived by QW-SCH structure∗2.
Fine adjustment of the oscillation wavelength is possible by controlling
the temperature using the built-in TE cooler (Peltier element).
∗1 MOCVD: Metal Organic Chemical Vapor Deposition
∗2 QW-SCH: Quantum Well Separate Confinement Heterostructure
Features
• High power
Recommended optical power output: Po = 0.5W
• Low operating current: Iop = 0.75A (Po = 0.5W)
• Flat package with built-in photodiode, TE cooler, and thermistor
Applications
• Solid state laser excitation
• Medical use
• Material processes
• Measurement
Structure
AlGaAs quantum well structure laser diode
Operating Lifetime
MTTF 10,000H (effective value) at Po = 0.5W, Tth = 25°C
Absolute Maximum Ratings (Tth = 25°C)
• Optical power output
Po
0.55
W
• Reverse voltage
VR
LD
2
V
PD
15
V
• Operating temperature (Tth)
Topr
–10 to +30
°C
• Storage temperature
Tstg
–40 to +85
°C
– 1 –
E93206B02-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
SLD322XT
12
TH
LD
TE Cooler
PD
P
N
3
4
56
78
18
Equivalent Circuit
No.
1
2
3
4
5
6
7
8
Function
TE cooler (negative)
Thermistor lead 1
Thermistor lead 2
Laser diode (anode)
Laser diode (cathode)
Photodiode (cathode)
Photodiode (anode)
TE cooler (positive)
Pin Configuration (Top View)
Warranty
This warranty period shall be 90 days after receipt of the product or
1,000 hours operation time whichever is shorter.
Sony Quality Assurance Department shall analyze any product that
fails during said warranty period, and if the analysis results show
that the product failed due to material or manufacturing defects on
the part of Sony, the product shall be replaced free of charge.
Laser diodes naturally have differing lifetimes which follow a Weibull
distribution.
Special warranties are also available.


Similar Part No. - SLD322XT-21

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
High Power Density 0.5W Laser Diode
SLD322V-1 SONY-SLD322V-1 Datasheet
68Kb / 7P
High Power Density 0.5W Laser Diode
SLD322V-2 SONY-SLD322V-2 Datasheet
68Kb / 7P
High Power Density 0.5W Laser Diode
SLD322V-21 SONY-SLD322V-21 Datasheet
68Kb / 7P
High Power Density 0.5W Laser Diode
SLD322V-24 SONY-SLD322V-24 Datasheet
68Kb / 7P
High Power Density 0.5W Laser Diode
More results

Similar Description - SLD322XT-21

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
High Power Density 0.5W Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
High Power LED - 0.5W
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
High Power LED-0.5W
EHP-A21SUG31H-PU5TR EVERLIGHT-EHP-A21SUG31H-PU5TR Datasheet
267Kb / 15P
High Power LED-0.5W
EHP-A21SUR31A-PU5TR EVERLIGHT-EHP-A21SUR31A-PU5TR Datasheet
266Kb / 15P
High Power LED-0.5W
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com