Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4550 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2SC4550
Description  SILCON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2SC4550 Datasheet(HTML) 2 Page - Comset Semiconductor

  2SC4550 Datasheet HTML 1Page - Comset Semiconductor 2SC4550 Datasheet HTML 2Page - Comset Semiconductor 2SC4550 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN 2SC4550
08/10/2012
COMSET SEMICONDUCTORS
2 | 3
hFE CLASSIFICATION
Marking
Test Condition(s)
M
L
K
hFE2
IC = 1.5 A, VCE = 2 V
100 to 200
150 to 300
200 to 400
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO
Collector to Emitter Voltage IC = 4 A, IB = 0.4 A, L = 1 mH
60
-
-
V
VCEX
Collector to Emitter Voltage
IC = 4 A, IB1 = -IB2 = 0.4 A
VBE(OFF) = -1.5V, L = 180 µH
clamped
60
-
-
ICBO
Collector Cutoff Current
VCB = 60 V, IE = 0
-
-
10
µA
ICER
Collector Cutoff Current
VCE = 60 V, RBE = 50 Ω
Ta = 125°C
-
-
1
mA
ICEX
Collector Cutoff Current
VCE = 60 V, VBE(OFF) = -1.5 V
-
-
10
µA
VCE = 60 V, VBE(OFF) = -1.5 V
Ta = 125°C
-
-
1
mA
IEBO
Emitter Cutoff Current
VEB = 5.0 V, IC = 0
-
-
10
µA
hFE
DC Current Gain (*)
hFE1
IC = 0.7 A, VCE = 2 V
100
-
-
-
hFE2
IC = 1.5 A, VCE = 2 V
100
200
400
hFE3
IC = 4 A, VCE = 2 V
60
-
-
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC = 4 A, IB = 0.2 A
-
-
0.3
V
IC = 6 A, IB = 0.3 A
-
-
0.5
VBE(SAT)
Base-Emitter saturation
Voltage (*)
IC = 4 A, IB = 0.2 A
-
-
1.2
IC = 6 A, IB = 0.3 A
-
-
1.5
Cob
Collector capacitance
VCB = 10 V, IE = 0
f = 1.0MHz
-
100
-
pF
fT
Gain bandwidth product
IC = 1 A, VCE = 10 V
-
150
-
MHz
ton
Turn-on time
IC = 4 A, RL = 12.5 Ω
IB1 = -IB2 = 0.2 A, VCC = 50 V
Refer to the test circuit.
-
0.1
0.3
µs
tstg
Storage time
-
1
1.5
tf
Fall time
-
0.1
0.3
(*) Pulse conditions : tp < 300
µs, δ =2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com