Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4550 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2SC4550
Description  SILCON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2SC4550 Datasheet(HTML) 1 Page - Comset Semiconductor

  2SC4550 Datasheet HTML 1Page - Comset Semiconductor 2SC4550 Datasheet HTML 2Page - Comset Semiconductor 2SC4550 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN 2SC4550
08/10/2012
COMSET SEMICONDUCTORS
1 | 3
S
SIIL
LC
CO
ON
N E
EP
PIIT
TA
AX
XIIA
AL
L T
TR
RA
AN
NS
SIIS
ST
TO
OR
R
F
FO
OR
R H
HIIG
GH
H--S
SP
PE
EE
ED
D S
SW
WIIT
TC
CH
HIIN
NG
G
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
60
V
VCBO
Collector-Base Voltage
100
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current
7
A
IC(pulse)
Collector Current (pulse)
14
A
IB
Base Current
3.5
A
PD
Total Power Dissipation
@ TC = 25°C
30
W
PD
Total Power Dissipation
@ Ta = 25°C
2
W
TJ
Junction Temperature
150
°C
TStg
Storage Temperature
-65 to +200
°C
The 2SC4550 is a power transistor developed for
high-speed switching and features low
VCE(sat) and high hFE.
This transistor is ideal for use in drivers such as
DC/DC converters and actuators.
In addition, a small resin-molded insulation type
package contributes to high-density mounting and
reduction of cost.
Compliance to RoHS.


Similar Part No. - 2SC4550

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4550 NEC-2SC4550 Datasheet
135Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Savantic, Inc.
2SC4550 SAVANTIC-2SC4550 Datasheet
260Kb / 4P
Silicon NPN Power Transistors
logo
Renesas Technology Corp
2SC4550 RENESAS-2SC4550 Datasheet
259Kb / 8P
SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SC4550 ISC-2SC4550 Datasheet
258Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC4550 SAVANTIC-2SC4550 Datasheet
262Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4550

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2517 NEC-2SC2517 Datasheet
132Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1743 NEC-2SA1743 Datasheet
130Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1652 NEC-2SA1652 Datasheet
161Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 NEC-2SA1742 Datasheet
126Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1744 NEC-2SA1744 Datasheet
144Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1845 NEC-2SA1845 Datasheet
139Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4550 NEC-2SC4550 Datasheet
135Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4814 NEC-2SC4814 Datasheet
161Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4815 NEC-2SC4815 Datasheet
166Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
New Jersey Semi-Conduct...
2SC943 NJSEMI-2SC943 Datasheet
159Kb / 1P
NPN SILCON EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com