Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT6030BN Datasheet(PDF) 2 Page - Comset Semiconductor

Part # APT6030BN
Description  N CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

APT6030BN Datasheet(HTML) 2 Page - Comset Semiconductor

  APT6030BN Datasheet HTML 1Page - Comset Semiconductor APT6030BN Datasheet HTML 2Page - Comset Semiconductor APT6030BN Datasheet HTML 3Page - Comset Semiconductor APT6030BN Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APT6030BN
22/10/2012
COMSET SEMICONDUCTORS
2/4
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VDSS
Drain-Source Breakdown
Voltage
ID= 250 µA, VGS= 0 V
600
-
-
V
VGS(th)
Gate-threshold Voltage
ID=1 mA, VDS= VGS
2
-
4
V
IDSS
Zero Gate Voltage Drain Current
VDS= 600 V, VGS= 0 V
Tj= 25 °C
-
-
250
µA
VDS= 0.8 VDSS, VGS= 0 V
Tj= 125 °C
-
-
1
mA
IGSS
Gate-Source leakage Current
VGS= 30 V, VDS= 0 V
-
-
100
nA
ID(on)
On State Drain Current
VGS= 30 V
VDS >ID(on)xRDS(on)Max
-
-
23
A
RDS(on)
Drain-Source on Resistance
0.5ID(Cont), VGS= 10 V
-
-
0.3
Ω
DYNAMIC CHARACTERISTICS
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
CISS
Input Capacitance
VGS= 0 V, VDS= 25 V
f= 1MHz
-
2905
3500
pF
COSS
Output Capacitance
-
505
710
CRSS
Reverse transfer Capacitance
-
190
285
td(on)
Turn-on Delay Time
VDD= 300 V, VGS= 15 V
IDS= ID(Cont) @ 25°C
RGS= 1.8 Ω
-
20
40
ns
tr
Rise time
-
35
70
td(off)
Turn-off Delay Time
-
90
130
tf
Fall Time
-
50
100
Qg
Total Gate Charge
VDD= 300 V, VGS= 10 V
IDS= ID(Cont) @ 25°C
140
210
nC
Qgs
Gate Source Charge
18
27
Qgd
Gate-Drain Charge
75
110



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com