Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT6030BN Datasheet(PDF) 3 Page - Comset Semiconductor

Part # APT6030BN
Description  N CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

APT6030BN Datasheet(HTML) 3 Page - Comset Semiconductor

  APT6030BN Datasheet HTML 1Page - Comset Semiconductor APT6030BN Datasheet HTML 2Page - Comset Semiconductor APT6030BN Datasheet HTML 3Page - Comset Semiconductor APT6030BN Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APT6030BN
22/10/2012
COMSET SEMICONDUCTORS
3/4
SEMICONDUCTORS
REVERSE DIODE
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
IS
Continuous Source Current. (Body Diode)
-
-
23
A
ISM
Pulsed Source Current. (Body Diode)
-
-
92
VSD
Diode Forward Voltage
VGS = 0 V, Is = -ID(Cont)
-
-
1.3
V
Trr
Reverse Recovery Time
Is = -ID(Cont)
di/dt = 100 A/µs
-
480
960
ns
Qrr
Reverse Recovery Charge
-
8
16
µC
SAFE OPERATING AREA CHARACTERISTICS
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
SOA1
Safe Operating Area
VDS= 0.4VDSS
IDS= PD/0.4VDSS
t= 1 sec
360
W
SOA2
Safe Operating Area
IDS= ID(Cont)
VDS= PD/ ID(Cont)
t= 1 sec
360
W
ILM
Inductive Current Clamped
92
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com