Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22017 Datasheet(PDF) 68 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 68 Page - ITT Industries

Back Button 22017 Datasheet HTML 64Page - ITT Industries 22017 Datasheet HTML 65Page - ITT Industries 22017 Datasheet HTML 66Page - ITT Industries 22017 Datasheet HTML 67Page - ITT Industries 22017 Datasheet HTML 68Page - ITT Industries 22017 Datasheet HTML 69Page - ITT Industries 22017 Datasheet HTML 70Page - ITT Industries 22017 Datasheet HTML 71Page - ITT Industries 22017 Datasheet HTML 72Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 120 page
background image
Modfication
MODIFICATION 19
#4-40 CLINCH NUTS
SUPERSEDED BY
01 MOD.
.022 (0.56) MAX.
.025 (0.64) MAX.
.037 MAX.
(0.94)
- 34 RECEPT.
.014 (0.36) MAX.
4 PLACES
4 PLACES
.255 (6.48)
DIA. MAX.
.255 (6.48)
DIA. MAX.
RIVET
4 REQD.
FRONT FACE OF
FLANGE
- 33 PLUG
.037
(0.94)
MAX.
.037
(0.94)
MAX.
.019
(0.48)
MIN
.015
(0.38)
MIN
MOUNTING
HOLES(4), . 156(3.96)
DIA.
MODIFICATION 20
MODIFICATION 22
MODIFICATION 23
MODIFICATION 25
MODIFICATION 26
Applicable Series
Definition
- 19**
DPX2-33B
DPXB-33
DPX2-34B
DPXB-34
DPX3-33
DPX3-34 (Same as Code -01)
DPX2-33A
DPX2-34A
DPX2-33 and 34
DPX2-33A
DPX2-33B
DPXB-33
DPX2-33M and 34M
DPX3-33
DPXBME, DPX2ME, DPX3ME,
DPX4ME - 33 only
DPX2-33F and 34F
DPX2-33 and 34
DPX2-33A
DPX2-33B
DPXB-33
DPX2-34B
DPXB-34
DPX3-33 and 34
DPX4-33 and 34
DPX2-33F and 34F
DPX2-34A
DPX2-33B
DPX2-34B
DPXB-34
DPX2-34B
DPXB-34
DPX3-34
DPX2-34A
DPXBME-34P & 33S
DPX2ME-34P & 33S
DPX3ME-34P & 33S
DPX4ME-34P & 33S
DPXBME-34P
DPX2ME-34P
DPX3ME-34P
DPX4ME-34P
DPXBME-34P
DPX2ME-34P
DPX3ME-34P
DPX4ME-34P
DPXBME-34P
DPX2ME-34P
DPX3ME-34P
DPX4ME-34P
DPXBME-34P
DPX2ME-34P
DPX3ME-34P
DPX4ME-34P
With six #4-40 clinch nuts in mounting holes.
Do not assign - use -01 code
Standard construction without tabs on insert retaining plate.
With eight #4-40 clinch nuts in mounting holes.
Same as 01. 01 Recommended
With floating eyelets.
With six mounting holes .208 (5.28) dia. (Foating eyelets omitted)
With four mounting holes .157 (3.99)/.155 (3.94) dia. (Clinch nuts omitted)
Mounting holes .120 (3.05) dia. countersunk 82* to .230 (5.84) dia.
and has tabs for attaching junction shells.
With interfacial seal (if pins) without junction shell tabs and military gold
plating on the contact.
Standard except less grommet*
* On the A106S layout the grommet is replaced by the separator.
Standard except less grommet and with tabs for
attaching junction shells.
(-34 pin only)
Standard except less grommet and with floating
bushings. (Slatted shells).
Standard except less grommet and with clinch
nuts in mounting holes.
Standard less grommet and with clinch nuts in mounting holes
and with tabs for attaching junction shells.
**Indicates polarizing position. (See page 72)
- 20
- 22
- 23
- 24
- 25
- 26
- 29
- 29
- 30
- 31
- 33
- 37
Applicable for all MA, ME, NA and NE Series Connectors.
MOUNTING
HOLES(4), . 120 (3.05)
DIA., C'SUNK 82 TO
.230 (5.84) DIA.
1
1
1
1
1
2
2
2
2
2
ARINC 404
DPX
Modifications Codes
68
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com