Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22017 Datasheet(PDF) 79 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 79 Page - ITT Industries

Back Button 22017 Datasheet HTML 75Page - ITT Industries 22017 Datasheet HTML 76Page - ITT Industries 22017 Datasheet HTML 77Page - ITT Industries 22017 Datasheet HTML 78Page - ITT Industries 22017 Datasheet HTML 79Page - ITT Industries 22017 Datasheet HTML 80Page - ITT Industries 22017 Datasheet HTML 81Page - ITT Industries 22017 Datasheet HTML 82Page - ITT Industries 22017 Datasheet HTML 83Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 120 page
background image
MIL-C-83733
DPK
Test Data
79
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
The following is a presentation of the certified
capabilities of Cannon's DPK, high performance,
rectangular, rack and panel series connectors with
respect to critical qualification performance and
design requirements of MIL-C-83733. The data
presented herein is a condensation of authentic
qualification test data extracted from the original
qualification reports on file at the ITT Cannon Test
Laboratory.
Examination Of Product
visual Examination
Sample Preparation
Insulation Resistance - 25˚C
Withstanding Voltage - Sea Level
Withstanding Voltage - Altitude
Contact Resistance
Test Description
Examination Of Product
visual Examination
Sample Preparation
Insulation Resistance - 25 C
Withstanding Voltage - Sea Level
Withstanding Voltage - Altitude
Contact Resistance
VISUAL
EXAMINATION
SAMPLE
PREPARATION
INSULATION RESISTANCE
[25 C (77 F)]
DIELECTRIC
WITHSTANDING
VOLTAGE (SEA LEVEL)
SALT SPRAY (CORROSION)
CONTACT RESISTANCE
[AT 25 C AND 200 C
(77 F AND 392 F)]
CONTACT SEPARATING FORCES
CONNECTOR MATING AND
UNMATING FORCES
CONTACT RETENTION
ENDURANCE (DURABILITY)
MIL-W-16878/4A, 28 AWG (min. dia.) and 22 AWG (max. dia.) wire.
Daniels WA22A crimping tool. M22520/2-06 and M22520/2-09 contact
positioner for resp.22D size socket and pin. MS7495A22M insertion and
MS27495R22M removal tool.
Unmated condition. 50% of contact complement measured. Between adjacent
contact paris and each contact and connector shell.
Unmated condition. 50% of contact complement measured. Test voltage 1350
Vac/rms-60hz, applied between adjacent contact pairs and each contact and
connector shell.
Method 101, test condition B. (48 hours) unmated. Salt soultion 5% by
weight. S.G. 1.026 to 1.040 at 22.8 C-23.9 C (73 F-75 F). Solution pH6.5
to 7.2 and chamber temp 33.9 C to 36.1 C (93 F to 97 F).
Mated condition 20% of contact complement tested. Test circuit per Fig. 2
measured across points YY performed at 25 C and 200 C (77 F and 392 F).
100% of socket contact complement measured. Separating force measured
on steel test pin .0294 +_.0001 (0.747 +_0.002) dia. insertion depth .205
(5.21) min. from insert face.
Mating dept, .390 (9.91) panel spacing. Total of 10 cycles mating and
unmatings. Forces measured on 10th cycle.
Mating dept, .450 (11.43) panel spacing. Total of 500 cycles mating and
unmating at a rate of 300 cycles/hour maximum.
Unmated. 50% of contacts measured. 10.0 1bf applied to contact engaging
end. Zero reference at 2.0 1bf preload. Displacement measured under spec.
load.
Contact/
Wire size
22D/28
22D/22
Test Current
Adc
1.5
5.0
Wire
Size
28
22
Min.
0.6
Max.
4.9
25 C
(77˚F)
8
14
200 C
(392˚F)
19
25
Wire
Size
28
22
28
22
DPKA Sep. Force
1.3-4.1
DPKB
1.0-2.9
Avg. Force
2.4
2.0
Mate
145
150
0.002-0.003
0.002-0.004
0.002-0.004
0.002-0.003
Avg.
0.0027
0.0031
0.0027
0.0026
Unmated
34
72
Range
(mV)
2.3-5.2
6.3-10
9-17
16-21
Cont./Shell
1.1T-1.8T
1.1T-20T
Avg.
(mV)
3.8
8.2
11.8
17.8
(200 C)
Adc
1.5
5.0
1.5
5.0
Assure compliance with:
a) Applicable detail specifications and control drawings
b) Materials
c) Design and construction
d) Dimensional
e) Finish
f ) Product identification
g) Workmanship
Visual examination of qualification test specimens for completness,
workmanship, identification and /or other detrimental conditions.
Compliance to applicable detail specification and
control drawings.
Visual examination acceptance.
Assemblies to conform with specified wiring and
termination requirements.
5.1 Gigohms minimum at 500 Vdc.
Electrification Time 120 secs. maximum.
No electrical breakdown, flashover or excessive
current leakage.Electrification 2 secs.
minimum.
Visual examination. No degradation of normal
connector functions.
Max. Voltage Drop (MV)
Separating Force (ounce-force)
Axial mating and unmating forces 175
pounds-force maximum.
Max. contact displacement under 10.0 1bf load
.011 (0.28) maximum.
Withstand 500 cycles of durability conditioning
without detrimental effects to function.
No detrimental damage. Connectors fully functional.
Product submitted accompanied by Q.A.certifiates of compliance.
complied with the applicable acceptance requirements for qualification
testing.
No visible detection of any condition detrimental to normal function.
Qualification test specimens prepared and terminated in accordance
with specified wiring requirements. No difficulties encountered during
wiring operation.
Insul. res. range (ohms) (25 C) DPKA
Adj. Cont.
300G-1.0T
DPKB
400G-1.6T
(Ganged parallel test circuits)
No evidence of breakdown or flashover Leakage <_.5mA. (Ganged
Parallel test circuits)
No detrimental corrosive attack on connector's surface finish or
contacts.
MV-Drop Range. (25˚C)
Separating force range (ounce-force)
Mating/Unmating Force (pound-force)
Contact Displacement Range (inch)
DPKA
Pins
Sockets
DPKB
Pins
Sockets
DPKA
DPKB
Forces obtained on 10th cycle.
Test or
Environment
Test Level or
Special Requirments
Parameters Limits
Measured Values
or Comments
Contact Separating Forces
Connector Mating and Unmating Forces
Contact Retention
Endurance
Gold Plating Porosity
Temperature Life
Insulation Resistance - 200˚C
Test Description
Low Leve Contact Resistance
Thermal Shock
Crimp Potential Drop
Vibration (Random)
Physical Shock
Ozone Exposure
Fluid Immersion
Test Description
Moisture Resistance
Altitude Immersion
Insert Retention
Corrosion
Analyses
Service and Storage Life
Gases and Toxic or Corrosive Fumes
Test Description
The successful completion of the conducted qual-
ification program clearly demonstrates the compli-
ance of ITT Cannon, DPK series connectors and
contacts to meet or exceed the performance re-
quirements of MIL-C-83733.
Identification of Qualification Specimens
The DPK connectors listed below represent the
description and identification of the test specimens
TABLE 1
TEST PERFORMED
TABLE ll
subjected to the qualification test sequence of
MIL-C-83733.
DPKA-G-131PC-7 (Receptacle) DPKB-G185PC-7 (Receptacle)
DPKA-G131SK-7 (Plug)
DPKA-G185SK-7 (Plug)
DPKA-G-131PC-7 (Receptacle) DPKB-G185PC-7 (Receptacle)
Table I below, lists the conducted tests executed in
accordance with the applicable test paragraphs of
MIL-C-83733, with the Test Level, Parrameter
Limits and Measured Values listed in Table 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com