Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUW13 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BUW13
Description  HIGH VOLTAGE, HIGH SPEED POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUW13 Datasheet(HTML) 1 Page - Comset Semiconductor

  BUW13 Datasheet HTML 1Page - Comset Semiconductor BUW13 Datasheet HTML 2Page - Comset Semiconductor BUW13 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN BUW13 - BUW13A
COMSET SEMICONDUCTORS
1/3
The BUW13-A are silicon NPN power transistor in TO3PN package.
They are intended for use in switching regulators, motor control systems, inverters and
converters.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
BUW13
BUW13A
VCEO
Collector-Emitter Voltage
IB = 0
400
450
V
VCBO
Collector-Base Voltage
IE = 0
850
1000
V
VEBO
Emitter-Base Voltage
IC = 0
9
V
IC
Collector Current
15
A
ICM
Collector Current Peak
30
A
IB
Base Current
6
A
IBM
Base Current Peak
9
A
Pt
Total Power Dissipation
@ TC = 25°
175
Watts
TJ
Junction Temperature
150
°C
TStg
Storage Temperature
-65 to 175
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, Junction to Case
0.7
°C/W
H
HIIG
GH
H V
VO
OL
LT
TA
AG
GE
E,, H
HIIG
GH
H S
SP
PE
EE
ED
D P
PO
OW
WE
ER
R T
TR
RA
AN
NS
SIIS
ST
TO
OR
R


Similar Part No. - BUW13

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
BUW13 SAVANTIC-BUW13 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUW13 ISC-BUW13 Datasheet
133Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BUW13 SAVANTIC-BUW13 Datasheet
138Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUW131 ISC-BUW131 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
BUW131A ISC-BUW131A Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
More results

Similar Description - BUW13

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2319 NTE-NTE2319 Datasheet
26Kb / 3P
Silicon NPN Transistor High Voltage, High Speed Power Switch
logo
Continental Device Indi...
BUF508A CDIL-BUF508A Datasheet
116Kb / 3P
NPN HIGH VOLTAGE HIGH SPEED SILICON POWER TRANSISTOR
logo
Unisonic Technologies
2SC5305 UTC-2SC5305 Datasheet
159Kb / 4P
HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
logo
Solid States Devices, I...
SPT420 SSDI-SPT420 Datasheet
233Kb / 2P
NPN HIGH VOLTAGE HIGH SPEED POWER TRANSISTOR 40 AMPS, 1000V
SPT6502 SSDI-SPT6502 Datasheet
198Kb / 2P
HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
logo
Unisonic Technologies
2SC5305 UTC-2SC5305_2 Datasheet
164Kb / 4P
HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
logo
Solid States Devices, I...
SPT5502 SSDI-SPT5502_1 Datasheet
112Kb / 3P
HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
TR0026C SSDI-TR0026C Datasheet
112Kb / 3P
HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
logo
Unisonic Technologies
2SC5305 UTC-2SC5305_15 Datasheet
164Kb / 4P
HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
MJE13011 UTC-MJE13011_15 Datasheet
110Kb / 4P
HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com