Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUW13 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BUW13
Description  HIGH VOLTAGE, HIGH SPEED POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUW13 Datasheet(HTML) 2 Page - Comset Semiconductor

  BUW13 Datasheet HTML 1Page - Comset Semiconductor BUW13 Datasheet HTML 2Page - Comset Semiconductor BUW13 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BUW13 - BUW13A
29/09/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
IC= 100 mA , IB= 0 A
L= 25 mH
BUW13
400
-
-
V
BUW13A
450
-
-
ICES
Collector Cutoff
Current
VCE= VCEMax
VBE= 0 V
BUW13
-
-
1
mA
BUW13A
VCE= VCEMax, VBE= 0 V
Tcase = 125°C
BUW13
-
-
4
BUW13A
IEBO
Emitter Cutoff
Current
VEB= 9 V, IC= 0 A
BUW13
-
-
10
mA
BUW13A
VCE(SAT)
Collector-Emitter
saturation Voltage
IC= 10 A , IB= 2 A
BUW13
-
-
1.5
V
IC= 8 A , IB= 1.6 A
BUW13A
VBE(SAT)
Base-Emitter
saturation Voltage
IC= 10 A , IB= 2 A
BUW13
-
-
1.6
IC= 8 A , IB= 1.6 A
BUW13A
hFE
DC Current Gain
IC=20 mA , VCE=5 V
BUW13
10
-
35
-
BUW13A
IC=1.5 A , VCE=5 V
BUW13
10
-
35
BUW13A
SWITCHING TIMES
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
ton
Turn-on time
For BUW13
IC= 10 A , IB1 = -IB2 = 2 A
For BUW13A
IC= 8 A , IB1 = -IB2 = 1.6 A
-
1.2
1.5
µs
ts
Storage time
-
0.6
1.1
tf
File time
-
0.17
0.25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com