Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS50 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # MSS50
Description  BACK TO BACK SCR MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

MSS50 Datasheet(HTML) 3 Page - Comset Semiconductor

  MSS50 Datasheet HTML 1Page - Comset Semiconductor MSS50 Datasheet HTML 2Page - Comset Semiconductor MSS50 Datasheet HTML 3Page - Comset Semiconductor MSS50 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSS40 / MSS50 Series
29/10/2012
COMSET SEMICONDUCTORS
3 | 4
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Test Conditions
Min
Typ
Max
Unit
IDRM
VDRM = VDRM Rated
Tj = 25 °C
MSS40
-
-
20
µA
MSS50
Tj = 125 °C
MSS40
-
-
10
mA
MSS50
IRRM
VRRM = VRRM Rated
Tj = 25 °C
MSS40
-
-
20
µA
MSS50
Tj = 125 °C
MSS40
-
-
10
mA
MSS50
IGT
VD = 12 V, RL = 33 Ω
MSS40
5
-
50
mA
MSS50
VGT
VD = 12 V, RL = 33 Ω
MSS40
-
-
1.3
V
MSS50
VGD
VD = VDRM, RL = 3.3 kΩ
Tj = 125 °C
MSS40
0.2
-
-
V
MSS50
IH
IT = 500 mA Gate open
MSS40
-
-
80
mA
MSS50
VTM
ITM = 80A tp = 380 µs
Tj = 25 °C
MSS40
-
-
1.7
V
ITM = 100A tp = 380 µs
MSS50
-
-
1.7
IL
IG = 1.2xIGT
MSS40
-
-
120
mA
MSS50
dV/dt
VD = 67% VDRM
Gate open
Tj = 125 °C
MSS40
1000
-
-
V/µs
MSS50
Vt0
Threshold voltage
Tj = 125 °C
MSS40
-
-
0.85
V
MSS50
Rd
Dynamic resistance
Tj = 125 °C
MSS40
-
-
11
m
Ω
MSS50
-
-
7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com