Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS50 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # MSS50
Description  BACK TO BACK SCR MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

MSS50 Datasheet(HTML) 1 Page - Comset Semiconductor

  MSS50 Datasheet HTML 1Page - Comset Semiconductor MSS50 Datasheet HTML 2Page - Comset Semiconductor MSS50 Datasheet HTML 3Page - Comset Semiconductor MSS50 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSS40 / MSS50 Series
29/10/2012
COMSET SEMICONDUCTORS
1 | 4
SEMICONDUCTORS
BACK TO BACK SCR MODULE
SOT-227
MAIN FEATURES
•
IT(RMS) :
55 and 70 A
•
VDRM/VRRM : 800 and 1200 V
•
IGT :
50 mA
MSS
40 -
800
SCR
VOLTAGE :
MODULE
800 : 800V
SERIES
1200 : 1200V
CURRENT :
40 : 55A
50 : 70A
The MSS40 / MSS50 Series is based on
two back-to-back SCR configurations,
providing high noise immunity.
They are suitable for high power
applications.
The compactness of the SOT-227
package allows high power density and
optimized power bus connections.
Compliance to RoHS.
1 : Thyristor 2 Anode (A2)
2 : Thyristor 2 Gate (G2)
3 : Thyristor 1 Anode (A1)
4 : Thyristor 1 Gate (G1)


Similar Part No. - MSS50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSS50 STMICROELECTRONICS-MSS50 Datasheet
150Kb / 5P
BACK TO BACK SCR MODULE
Sep-2000
MSS50 STMICROELECTRONICS-MSS50 Datasheet
119Kb / 7P
Back to back SCR module
11-Jul-2007
logo
M/A-COM Technology Solu...
MSS50-048-C15 MA-COM-MSS50-048-C15 Datasheet
678Kb / 5P
High Barrier Silicon Schottky Diodes
MSS50-048-P55 MA-COM-MSS50-048-P55 Datasheet
678Kb / 5P
High Barrier Silicon Schottky Diodes
MSS50-048-P86 MA-COM-MSS50-048-P86 Datasheet
678Kb / 5P
High Barrier Silicon Schottky Diodes
More results

Similar Description - MSS50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSS40 STMICROELECTRONICS-MSS40 Datasheet
150Kb / 5P
BACK TO BACK SCR MODULE
Sep-2000
logo
NXP Semiconductors
BZB100A NXP-BZB100A Datasheet
61Kb / 10P
Dual back-to-back Zener diode
Rev. 01-28 January 2008
logo
Glenair, Inc.
891-005 GLENAIR-891-005 Datasheet
205Kb / 2P
Nanominiature Connectors Double Row Back-To-Back
logo
STMicroelectronics
SS-401 STMICROELECTRONICS-SS-401 Datasheet
119Kb / 7P
Back to back SCR module
11-Jul-2007
logo
Glenair, Inc.
805-114 GLENAIR-805-114 Datasheet
227Kb / 1P
Mighty Mouse High-Speed Back-to-Back
891-005 GLENAIR-891-005_15 Datasheet
970Kb / 2P
Dual Row Nano Back-to-Back Connector
logo
Kersemi Electronic Co.,...
MSS40-800 KERSEMI-MSS40-800 Datasheet
459Kb / 5P
BACK TO BACK SCR MODULE
logo
Infineon Technologies A...
AUIR3241S INFINEON-AUIR3241S Datasheet
807Kb / 19P
high side Mosfet driver for back to back topology targeting back to back switch
Rev 1.01 2017-09-12
logo
Nell Semiconductor Co.,...
NST70KQ NELLSEMI-NST70KQ Datasheet
688Kb / 5P
Back to Back SCR Module
logo
NXP Semiconductors
NX30P0121UK NXP-NX30P0121UK Datasheet
483Kb / 21P
High-voltage back-to-back OVP switch
Rev. 1.0 - 19 June 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com