Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP107 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # TIP107
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP107 Datasheet(HTML) 1 Page - Comset Semiconductor

  TIP107 Datasheet HTML 1Page - Comset Semiconductor TIP107 Datasheet HTML 2Page - Comset Semiconductor TIP107 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP TIP105-106-107
04/10/2012
COMSET SEMICONDUCTORS
1 | 3
SEMICONDUCTORS
SILICON DARLINGTON POWER TRANSISTORS
PNP epitaxial-base transistors in a monolithic Dalrington circuit and housed in a TO-220
enveloppe. They are designed for general purpose amplifier and low-speed switching
applications.
NPN complements are TIP100-101-102
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector-Base Voltage
TIP105
-60
V
TIP106
-80
TIP107
-100
VCEO
Collector-Emitter Voltage
TIP105
-60
V
TIP106
-80
TIP107
-100
VEBO
Emitter-Base Voltage
TIP105
-5
V
TIP106
TIP107
IC
Collector Current
TIP105
-8
A
TIP106
TIP107
ICM
Collector Peak Current
TIP105
-15
A
TIP106
TIP107
IB
Base Current
TIP105
-1
A
TIP106
TIP107
PT
Power Dissipation
@ Tc < 25°
TIP105
80
Watts
TIP106
TIP107
@ Ta < 25°
TIP105
2
TIP106
TIP107
TJ
Junction Temperature
TIP105
150
°C
TIP106
TIP107
Ts
Storage Temperature range
TIP105
-65 to +150
TIP106
TIP107


Similar Part No. - TIP107

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP107 MOSPEC-TIP107 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
Motorola, Inc
TIP107 MOTOROLA-TIP107 Datasheet
218Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP107 ONSEMI-TIP107 Datasheet
218Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
logo
Power Innovations Ltd
TIP107 POINN-TIP107 Datasheet
152Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP107 STMICROELECTRONICS-TIP107 Datasheet
35Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1999
More results

Similar Description - TIP107

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
BD675 COMSET-BD675 Datasheet
86Kb / 4P
SILICON DARLINGTON POWER TRANSISTORS
BD676 COMSET-BD676 Datasheet
84Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
2N6667 ONSEMI-2N6667_07 Datasheet
102Kb / 6P
Darlington Silicon Power Transistors
November, 2007 - Rev. 6
logo
Comset Semiconductor
BDT63 COMSET-BDT63 Datasheet
111Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
TIP115 COMSET-TIP115 Datasheet
102Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
TIP120 COMSET-TIP120 Datasheet
103Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com