Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP107 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # TIP107
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP107 Datasheet(HTML) 2 Page - Comset Semiconductor

  TIP107 Datasheet HTML 1Page - Comset Semiconductor TIP107 Datasheet HTML 2Page - Comset Semiconductor TIP107 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP TIP105-106-107
04/10/2012
COMSET SEMICONDUCTORS
2 | 3
SEMICONDUCTORS
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-case
From junction-case
1.56
°C/W
RthJ-amb
From junction-ambient
62.5
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff Current
IE= 0,VCB = -VCBOmax
TIP105
-
-
-50
µA
TIP106
TIP107
ICEO
Collector Cutoff Current
IE= 0,
VCE = -1/2 VCEOmax
TIP105
-
-
-50
µA
TIP106
TIP107
IEBO
Emitter Cutoff Current
VEB= -5 V, IC= 0
TIP105
-
-
-8
mA
TIP106
TIP107
VCEO
Collector-Emitter
Breakdown Voltage (*)
IC= -30 mA, IB= 0
TIP105
-60
-
-
V
TIP106
-80
-
-
TIP107
-100
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= -3 A, IB= -6 mA
TIP105
-
-
-2
V
TIP106
TIP107
IC= -8 A, IB= -80 mA
TIP105
-
-
-2.5
TIP106
TIP107
VBE(on)
Base-Emitter Voltage
(*)
IC= -8 A, VCE= -4 V
TIP105
-
-
-2.8
V
TIP106
TIP107
hFE
DC Current Gain (*)
VCE= -4 V, IC= -3 A
TIP105
1000
-
20k
-
TIP106
TIP107
VCE= -4 V, IC= -8 A
TIP105
200
-
-
TIP106
TIP107
COB
Output Capacitance
IE= 0, VCB = -10 V,
f = 1MHz
TIP105
-
-
300
pF
TIP106
TIP107
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com