Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG529ATCHIPS Datasheet(PDF) 4 Page - Analog Devices

Part # ADG529ATCHIPS
Description  CMOS Latched 4-/8-Channel Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG529ATCHIPS Datasheet(HTML) 4 Page - Analog Devices

  ADG529ATCHIPS Datasheet HTML 1Page - Analog Devices ADG529ATCHIPS Datasheet HTML 2Page - Analog Devices ADG529ATCHIPS Datasheet HTML 3Page - Analog Devices ADG529ATCHIPS Datasheet HTML 4Page - Analog Devices ADG529ATCHIPS Datasheet HTML 5Page - Analog Devices ADG529ATCHIPS Datasheet HTML 6Page - Analog Devices ADG529ATCHIPS Datasheet HTML 7Page - Analog Devices ADG529ATCHIPS Datasheet HTML 8Page - Analog Devices ADG529ATCHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. B
–4–
ADG528A/ADG529A
ADG528A
ADG528A
ADG528A
ADG529A
ADG529A
ADG529A
K Version
B Version
T Version
–40
°C to
–40
°C to
–55
°C to
Parameter
+25
°C +85°C
+25
°C +85°C
+25
°C +125°C
Units
Comments
DYNAMIC CHARACTERISTICS
1 (Cont’d)
tS Address,
Enable Setup Time
100
100
100
ns min
See Figure 1
tH Address,
Enable Hold Time
10
10
10
ns min
See Figure 1
tRS Reset Pulse Width
100
100
100
ns min
See Figure 2
OFF Isolation
68
68
68
dB typ
VEN = 0.8 V, RL = 1 k
Ω, C
L = 15 pF,
50
50
50
dB min
VS = 3.5 V rms, f = 100 kHz
CS (OFF)
5
5
5
pF typ
VEN = 0.8 V
CD (OFF)
ADG528A
22
22
22
pF typ
VEN = 0.8 V
ADG529A
11
11
11
pF typ
QINJ, Charge Injection
4
4
4
pC typ
RS = 0
Ω, V
S = 0 V; Test Circuit 11
POWER SUPPLY
IDD
0.6
0.6
0.6
mA typ
VIN = VINL or VINH
1.5
1.5
1.5
mA max
Power Dissipation
11
10
10
mW typ
25
25
25
mW max
NOTE
1Sample tested at +25
°C to ensure compliance.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com