Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG529ATCHIPS Datasheet(PDF) 1 Page - Analog Devices

Part # ADG529ATCHIPS
Description  CMOS Latched 4-/8-Channel Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG529ATCHIPS Datasheet(HTML) 1 Page - Analog Devices

  ADG529ATCHIPS Datasheet HTML 1Page - Analog Devices ADG529ATCHIPS Datasheet HTML 2Page - Analog Devices ADG529ATCHIPS Datasheet HTML 3Page - Analog Devices ADG529ATCHIPS Datasheet HTML 4Page - Analog Devices ADG529ATCHIPS Datasheet HTML 5Page - Analog Devices ADG529ATCHIPS Datasheet HTML 6Page - Analog Devices ADG529ATCHIPS Datasheet HTML 7Page - Analog Devices ADG529ATCHIPS Datasheet HTML 8Page - Analog Devices ADG529ATCHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
ADG528A/ADG529A
CMOS Latched
4-/8-Channel Analog Multiplexers
FEATURES
44 V Supply Maximum Rating
VSS to VDD Analog Signal Range
Single-/Dual-Supply Specifications
Wide Supply Ranges (10.8 V to 16.5 V)
Microprocessor Compatible (100 ns
WR Pulse)
Extended Plastic Temperature Range
(–40
°C to +85°C)
Low Leakage (20 pA typ)
Low Power Dissipation (28 mW max)
Available in 18-Lead DIP/SOIC and 20-Lead PLCC Packages
Superior Alternative to:
DG528
DG529
FUNCTIONAL BLOCK DIAGRAMS
GENERAL DESCRIPTION
The ADG528A and ADG529A are CMOS monolithic analog
multiplexers with eight channels and four dual channels, respec-
tively. On-chip latches facilitate microprocessor interfacing. The
ADG528A switches one of eight inputs to a common output,
depending on the state of three binary addresses and an enable
input. The ADG529A switches one of four differential inputs to
a common differential output, depending on the state of two
binary addresses and an enable input. Both devices have TTL
and 5 V CMOS logic-compatible digital inputs.
The ADG528A and ADG529A are designed on an enhanced
LC
2MOS process, which gives an increased signal capability of
VSS to VDD and enables operation over a wide range of supply
voltages. The devices can comfortably operate anywhere in the
10.8 V to 16.5 V single- or dual-supply range. These multiplex-
ers also feature high switching and low RON.
PRODUCT HIGHLIGHTS
1. Single-/dual-supply specifications with a wide tolerance.
The devices are specified in the 10.8 V to 16.5 V range for
both single- and dual-supplies.
2. Easily Interfaced
The ADG528A and ADG529A can be easily interfaced with
microprocessors. The
WR signal latches the state of the
address control lines and the enable line. The
RS signal
clears both the address and enable data in the latches result-
ing in no output (all switches off).
RS can be tied to the
microprocessor reset pin.
3. Extended Signal Range
The enhanced LC
2MOS processing results in a high breakdown
and an increased analog signal range of VSS to VDD.
4. Break-Before-Make Switching
Switches are guaranteed break-before-make so that input
signals are protected against momentary shorting.
5. Low Leakage
Leakage currents in the range of 20 pA make these multiplexers
suitable for high precision circuits.


Similar Part No. - ADG529ATCHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG529ATCHIPS AD-ADG529ATCHIPS Datasheet
146Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG529ATCHIPS AD-ADG529ATCHIPS Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results

Similar Description - ADG529ATCHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG526A AD-ADG526A Datasheet
463Kb / 8P
CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
ADG528A AD-ADG528A Datasheet
673Kb / 8P
CMOS LATCHED 4/8 CHANNEL ANALOG MULTIPLEXERS
ADG526A AD-ADG526A_08 Datasheet
422Kb / 20P
CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG528AKNZ AD-ADG528AKNZ Datasheet
146Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKPZ AD-ADG528AKPZ Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
5962-8971001XA AD-5962-8971001XA Datasheet
415Kb / 20P
CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG527A AD-ADG527A_15 Datasheet
415Kb / 20P
CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com