Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTV-702V Datasheet(PDF) 6 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-702V
Description  Property of LITE-ON Only
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-702V Datasheet(HTML) 6 Page - Shenzhen Tenand Technology Co., Ltd.

Back Button LTV-702V Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 10Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
ELECTRICAL - OPTICAL CHARACTERISTICS
( Ta = 25
°C )
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT
CONDITIONS
Forward Voltage
VF
—
1.4
1.7
V
IF=60mA
Reverse Current
IR
—
—
10
µA
VR=6V
INPUT
Terminal Capacitance
Ct
—
30
250
pF
V=0, f=1KHz
Collector Dark Current
ICEO
—
—
50
nA
VCE=10V, IF=0
Collector-Emitter
Breakdown Voltage
BVCEO
70
—
—
V
IC=0.1mA
IF=0
Emitter-Collector
Breakdown Voltage
BVECO
6
—
—
V
IE=10
µA
IF=0
OUTPUT
Collector-Base
Breakdown Voltage
BVCBO
70
—
—
V
IC=0.1mA
IF=0
Collector Current
IC
4
—
32
mA
* Current Transfer Ratio
CTR
40
—
320
%
IF=10mA
VCE=5V
Collector-Emitter
Saturation Voltage
VCE(sat)
—
0.25
0.4
V
IF=10mA
IC=2.5mA
Isolation Resistance
Riso
5
×1010 1×1011
—
Ω
DC500V
40 ~ 60% R.H.
Floating Capacitance
Cf
—
0.6
1
pF
V=0, f=1MHz
Cut-Off Frequency
fc
—
150
—
kHz
VCC=5V, IF=10mA
RL=75
Ω,-3dB
Response Time (Rise)
tr
—
2
7
µs
TRANSFER
CHARACTERISTICS
Response Time (Fall)
tf
—
2
8
µs
VCC=5V, IF=10mA
RL=75
Ω
* CTR
I
I
100%
C
F
=×
Part No. : LTV-702V ( M, S, S-TA1 )
Page :
6 of 10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com