Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTV-702V Datasheet(PDF) 1 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-702V
Description  Property of LITE-ON Only
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-702V Datasheet(HTML) 1 Page - Shenzhen Tenand Technology Co., Ltd.

  LTV-702V Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-702V Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
FEATURES
* Directly connectable to TTL
* High collector-emitter voltage
( VCEO = 70V )
* High input-output isolation voltage
( Viso = 5,000Vrms )
* Response time
( tr : TYP. 2
µs at VCC = 5V, IF = 10mA, RL = 75Ω )
* Current transfer ratio
( CTR : MIN. 40% at IF = 10mA, VCE = 5V )
* Dual-in-line package :
LTV-702V
* Wide lead spacing package :
LTV-702VM
* Surface mounting package :
LTV-702VS
* Tape and reel packaging :
LTV-702VS-TA1
* UL approved ( No. E113898 )
* TUV approved ( No. R9653630 )
* CSA approved ( No. CA91533-1 )
* FIMKO approved ( No. 193422-01 )
* NEMKO approved ( No. P96103013 )
* DEMKO approved ( No. 303968 )
* SEMKO approved ( No. 9646047 / 01-30 )
* VDE approved ( No. 094722 )
Part No. : LTV-702V ( M, S, S-TA1 )
Page :
1 of 10
BNS-OD-C131/A4
http://www.tenand.com
深圳市腾恩科技有限公司
SHENZHEN TENAND TECHNOLOGY CO.,LTD
http://www.tenand.com
深圳市腾恩科技有限公司
SHENZHEN TENAND TECHNOLOGY CO.,LTD


Similar Part No. - LTV-702V

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-702V LITEON-LTV-702V Datasheet
176Kb / 10P
Directly connectable to TTL
LTV-702VM LITEON-LTV-702VM Datasheet
176Kb / 10P
Directly connectable to TTL
LTV-702VS LITEON-LTV-702VS Datasheet
176Kb / 10P
Directly connectable to TTL
LTV-702VS-TA1 LITEON-LTV-702VS-TA1 Datasheet
176Kb / 10P
Directly connectable to TTL
More results

Similar Description - LTV-702V

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com