Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-024L Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-024L
Description  Low Power, 5 MBd Digital CMOS Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-024L Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-024L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACPL-M21L, ACPL-021L and ACPL-024L
Low Power, 5 MBd Digital CMOS Optocoupler
Data Sheet
A 0.1
F bypass capacitor must be connected between pins Vdd and GND
TRUTH TABLE
(POSITIVE LOGIC)
LED
VO
ON
HIGH
OFF
LOW
Features
 CMOS output
 Wide supply voltage: 2.7 V – 5.5 V
 Low power supply current IDD: ≤ 1.1 mA max
 Low forward current IF: 1.6 mA min
 Speed: 5 MBd typ
 Pulse width distortion (PWD): 200 ns max
 Propagation delay skew (tpsk): 220 max
 Propagation delay (tp): 250 ns max
 Common mode rejection: 25 kV/s min at VCM = 1000 V
 Hysteresis: 0.2 mA typ
 Temperature range: -40° C to 105° C
 Safety and regulatory approvals
– UL 1577 recognized – 3750 Vrms for 1 minute for
ACPL-M21L/021L/024L
– CSA Approval
– IEC/EN 60747-5-5, Approval for Reinforced Insulation
Applications
 Low isolation of high speed logic systems
 Computer peripheral interface
 Microprocessor system interface
 Ground loop elimination
 Pulse transformer replacement
 High speed line receiver
 Power control systems
Description
ACPL-M21L (single channel SO-5 package), ACPL-021L
(single channel SO-8 package) and ACPL-024L (dual
channel SO-8 package) are optically-coupled logic gates.
The detector IC has CMOS output stage and optical
receiver input stage with built-in Schmitt trigger to
provide logic-compatible waveforms, eliminating the
need for additional waveshaping.
An internal shield on the ACPL-M21L/021L/024L guar-
antees common mode transient immunity of 25 kV/μs
at a common mode voltage of 1000 V. The ACPL-x2xL
optocouplers' series operates from a 2.7 to 5.5 V
supply with guaranteed AC and DC performance from an
extended temperature range of -40° C to 105° C. Glitches
free output upon power-up and power-down of optocou-
pler.
Functional Diagram
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
ACPL-021L
6
4
Anode
VDD
GND
VO
Shield
1
3
5
Cathode
2
3
8
5
6
Anode
VDD
GND
VO
Shield
1
NC
NC 4
7
Cathode
NC
ACPL-M21L
ACPL-024L
4
1
VDD
V01
Anode1
Cathode1
V02
GND
Cathode2
Anode2
Shield
3
2
5
8
6
7


Similar Part No. - ACPL-024L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-024L BOARDCOM-ACPL-024L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-024L BOARDCOM-ACPL-024L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-024L-000E AVAGO-ACPL-024L-000E Datasheet
309Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-024L-060E AVAGO-ACPL-024L-060E Datasheet
309Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-024L-500E AVAGO-ACPL-024L-500E Datasheet
309Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
More results

Similar Description - ACPL-024L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-064L-560E AVAGO-ACPL-064L-560E Datasheet
820Kb / 16P
Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
Ultra Low Power 10 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
Low Power, 1 MBd Digital Optocoupler
ACPL-064L BOARDCOM-ACPL-064L Datasheet
1Mb / 19P
Low-Power 10-MBd Digital CMOS Optocouplers
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
Low Power, 1 MBd Digital Optocoupler
ACPL-M61M BOARDCOM-ACPL-M61M Datasheet
685Kb / 12P
2.5V/3.3V Low-Power 10 MBd Digital Optocoupler
February 19, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com