Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF600E Datasheet(PDF) 17 Page - rfsolutions.ltd

Part # RF600E
Description  The RF Solutions RF600E, & RF600D are easy to use encoder and decoder I/C?셲.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600E Datasheet(HTML) 17 Page - rfsolutions.ltd

Back Button RF600E Datasheet HTML 13Page - rfsolutions.ltd RF600E Datasheet HTML 14Page - rfsolutions.ltd RF600E Datasheet HTML 15Page - rfsolutions.ltd RF600E Datasheet HTML 16Page - rfsolutions.ltd RF600E Datasheet HTML 17Page - rfsolutions.ltd RF600E Datasheet HTML 18Page - rfsolutions.ltd RF600E Datasheet HTML 19Page - rfsolutions.ltd RF600E Datasheet HTML 20Page - rfsolutions.ltd RF600E Datasheet HTML 21Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DS600-10 March ‘06
©2004 Reg. No. 227 4001, ENGLAND
Page 17
RF / IR Encoder / Decoder Chipset
RF Evaluation Boards,
RF600E
RF600D
RFEVAL Evaluation Kit
Remote Telemetry Evaluation
AM and FM & IR Technology
Digital and RS232 Serial Data Outputs
Hardware Evaluation Platform
Range Testing
Target Environment Testing
Antenna Evaluation
Uses RF600 Encoder/Decoder (Keeloq)
The RFEVAL2 / 3 are hardware development platforms designed to assist the engineer with the design of
a remote telemetry application. This kit provides several projects. Each project utilises an ‘off the shelf’
transmitter encoder incorporating the RF600E. The RFEVAL receiver board use s the RF600D to perform
RF / IR reception and decoding providing a variety of outputs.
Our aim with this Evaluation kit is to assist the engineer in achieving a remote telemetry application with;
1. Optimum Range (we expect you to achieve)
a. AM project upto 80m
b. FM project upto 150m
2. Design of simple integrated receiver decoder
3. Minimal hardware costs for the receiver decoder
RF EVAL2 Contents List:
Item
Part No
Description
Qty
1
AM-110C3-433
pocket keyfob transmitter433MHz, 3 Switch
1
2
102C4-433F
Transmitter/Encoder 433.92MHz, Hand Held, 4 Switch
1
3
SA123
RFEVAL2 Receiver Decoder Assembly
1
4
AM-HRR3-433
Receiver 'Hybrid' Module AM 433MHz, SIL
1
5
AM-RRS3-433
Receiver 'Hybrid' Module Super Het, AM 433MHz, SIL
1
6
AM-HiRK-433
Rx/Decoder AM Superhet 433MHz SIL Hybrid5V Keeloq
1
7
FM-RRFQ1-433
FM Receiver 433.92MHz
1
8
FLEXI-M4-433
¼ Wave Antenna
1
9
PHC-M4-433
Helical Antenna
1
10
BATT-PP3
PP3 Battery
1
All components required to complete the following projects are supplied.
Project
Transmitter
Receiver
Outputs
Range
1
110C1-433A
AM-HiRKB-433
Digital
100m
2
110C2-433A
AM-HRR3-433
Digital & RS232
40m
2
110C3-433A
AM-RRS3-433
Digital & RS232
100m
4
102C4-433F
FM-RRFQ1-433
Digital & RS232
150m
RFEVAL3
consists a Receiver decoder board only with the RF600D, this requires the relevant RF Receiver
module and antenna to generate a complete receiver Decoder (this is an RF600D design)
Contents List:
Item
Part No
Description
Qty
1
SA123
Telemetry Receiver Decoder Board
1
2
BATT-PP3
PP3 Battery
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com