Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF600E Datasheet(PDF) 11 Page - rfsolutions.ltd

Part # RF600E
Description  The RF Solutions RF600E, & RF600D are easy to use encoder and decoder I/C?셲.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600E Datasheet(HTML) 11 Page - rfsolutions.ltd

Back Button RF600E Datasheet HTML 7Page - rfsolutions.ltd RF600E Datasheet HTML 8Page - rfsolutions.ltd RF600E Datasheet HTML 9Page - rfsolutions.ltd RF600E Datasheet HTML 10Page - rfsolutions.ltd RF600E Datasheet HTML 11Page - rfsolutions.ltd RF600E Datasheet HTML 12Page - rfsolutions.ltd RF600E Datasheet HTML 13Page - rfsolutions.ltd RF600E Datasheet HTML 14Page - rfsolutions.ltd RF600E Datasheet HTML 15Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DS600-10 March ‘06
©2004 Reg. No. 227 4001, ENGLAND
Page 11
RF / IR Encoder / Decoder Chipset
RF Evaluation Boards,
RF600E
RF600D
Technical Specifications: Absolute Maximum Ratings
Item
Rating
Units
Supply voltage
-0.3 to 6.9
V
Input voltage
-0.3 to VDD + 0.3
V
Output voltage
-0.3 to VDD+ 0.3
V
Max output current
25
mA
Storage temperature
-55 to +125
°C (Note)
Lead soldering temp
300
°C (Note)
ESD rating
4000
V
Note
: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
RF600E Transmitter Encoder
Electrical Characteristics
Min
Typical
Max
Unit
Operating current(avg)
Vdd = 2 - 3V
Vdd = 3 - 6.6V
0.3
0.7
1.2
1.6
mA
Standby current
0.1
1.0
µA
High level Input voltage
0.55VDD
VDD+0.3
V
Low level input voltage
0.3
0.15VDD
V
High level output voltage
0.7VDD
V
Low level output voltage
0.08VDD
V
LED sink current
0.15
1.0
4.0
mA
RF Raw Data transmit Rate
2.5
KHz
RF600D Receiver Decoder
Electrical Characteristics
Min
Typical
Max
Unit
Operating current(avg)
Vdd = 3V
Vdd = 5V
1.8
3.3
mA
Standby current
1.8
3.3
µA
High level Input voltage
.45 Vdd
Vdd
V
Low level input voltage
Vss
.2Vss
V
High level output voltage
Vdd-0.7
V
Low level output voltage
0.6
V
Output Pin Current rating
1.0
mA
LED sink current
2
mA
Momentary Output min Time of operation
350
mS
RF600E / 600D System Characteristics
Electrical Characteristics
Min
Typical
Max
Unit
Time from RF600E input operation to RF600D
Output asserted
135
210
mS
Time from RF600E input released to RF600D
Output released
140
210
300
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com