Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3902 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC3902
Description  160V / 1.5A Switching Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC3902 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC3902 Datasheet HTML 1Page - Sanyo Semicon Device 2SC3902 Datasheet HTML 2Page - Sanyo Semicon Device 2SC3902 Datasheet HTML 3Page - Sanyo Semicon Device 2SC3902 Datasheet HTML 4Page - Sanyo Semicon Device 2SC3902 Datasheet HTML 5Page - Sanyo Semicon Device 2SC3902 Datasheet HTML 6Page - Sanyo Semicon Device 2SC3902 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SA1507/2SC3902
No.2101-1/7
Applications
•
Color TV audio output, converters, inverters
Features
•
High breakdown voltage
•
Large current capacity
•
Adoption of FBET and MBIT process
•
The plastic-covered heat sink eliminates the need for an insulator when mounting the 2SA1507/2SC3902
Specifications ( ): 2SA1507
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)180
V
Collector-to-Emitter Voltage
VCEO
(--)160
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)1.5
A
Collector Current (Pulse)
ICP
(--)2.5
A
Collector Dissipation
PC
1.5
W
Tc=25°C10
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7516A-002
Ordering number : EN2101E
90512 TKIM/21710CB TKIM/53002RM(KT)/71598HA(KT)O2196TS(KOTO) 8-9520/3307KI/9116AT,TS
SANYO Semiconductors
DATA SHEET
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package
: TO-126ML
• JEITA, JEDEC
: TO-126
• Minimum Packing Quantity : 200 pcs./bag
Marking
Electrical Connection
1 : Emitter
2 : Collector
3 : Base
SANYO : TO-126ML
0.8
0.75
2.4
4.8
0.8
0.7
8.0
4.0
1.0
1.0
3.6
1.6
3.3
12
3
LOT No.
RANK
A1507
LOT No.
RANK
C3902
2
1
3
2SC3902
2
1
3
2SA1507
2SA1507S
2SA1507T
2SC3902S
2SC3902T
2SA1507/2SC3902
PNP / NPN Epitaxial Planar Silicon Transistor
160V / 1.5A Switching
Applications


Similar Part No. - 2SC3902

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3902 SANYO-2SC3902 Datasheet
130Kb / 4P
160V/1.5A Switching Applications
logo
Inchange Semiconductor ...
2SC3902 ISC-2SC3902 Datasheet
85Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC3902 SAVANTIC-2SC3902 Datasheet
175Kb / 4P
Silicon NPN Power Transistors
logo
Sanyo Semicon Device
2SC3902 SANYO-2SC3902 Datasheet
66Kb / 5P
160V / 1.5A Switching Applications
logo
ON Semiconductor
2SC3902 ONSEMI-2SC3902 Datasheet
335Kb / 7P
Bipolar Transistor
August, 2013
More results

Similar Description - 2SC3902

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2211 ROHM-2SD2211 Datasheet
138Kb / 4P
Power Transistor (160V , 1.5A)
logo
Sanyo Semicon Device
2SA1248 SANYO-2SA1248 Datasheet
103Kb / 3P
160V/700mA Switching Applications
2SA1249 SANYO-2SA1249 Datasheet
96Kb / 3P
160V/1.5A Switching Applications
2SA1477 SANYO-2SA1477 Datasheet
119Kb / 4P
160V/140mA Switching Applications
2SA1507 SANYO-2SA1507 Datasheet
130Kb / 4P
160V/1.5A Switching Applications
2SA1769 SANYO-2SA1769 Datasheet
131Kb / 4P
160V/700mA Switching Applications
logo
Rohm
2SD1918 ROHM-2SD1918_09 Datasheet
170Kb / 3P
Power Transistor (160V , 1.5A)
2SD1918 ROHM-2SD1918_10 Datasheet
149Kb / 3P
Power Transistor (160V , 1.5A)
logo
Sanyo Semicon Device
2SA1507 SANYO-2SA1507_10 Datasheet
66Kb / 5P
160V / 1.5A Switching Applications
logo
Rohm
2SD1918TLQ ROHM-2SD1918TLQ Datasheet
110Kb / 3P
Power Transistor (160V , 1.5A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com