Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3902 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC3902
Description  160V / 1.5A Switching Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC3902 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC3902 Datasheet HTML 1Page - Sanyo Semicon Device 2SC3902 Datasheet HTML 2Page - Sanyo Semicon Device 2SC3902 Datasheet HTML 3Page - Sanyo Semicon Device 2SC3902 Datasheet HTML 4Page - Sanyo Semicon Device 2SC3902 Datasheet HTML 5Page - Sanyo Semicon Device 2SC3902 Datasheet HTML 6Page - Sanyo Semicon Device 2SC3902 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SA1507/2SC3902
No.2101-4/7
Case Temperature, Tc --
°C
PC -- Tc
0
2
4
6
12
10
8
0
20
80
100
60
40
160
140
120
ITR03838
2SA1507 / 2SC3902
Collector-to-Emitter Voltage, VCE -- V
A S O
Ambient Temperature, Ta --
°C
PC -- Ta
0.01
1.0
0.1
10
5
3
2
5
3
2
5
5
3
2
1.0
73
2
0
0.2
0.4
0.6
0.8
1.6
1.4
1.5
1.2
1.0
0
20
80
100
60
40
160
140
120
ITR03836
No
heat
sink
7
10
53
27
53
2
100
ITR03837
100ms
DC
operation
(T
a=25
°C)
DC
operation
(Tc=25
°C)
Ta=25
°C
Single pulse
For PNP, minus sign is omitted.
2SA1507 / 2SC3902
2SA1507 / 2SC3902
ICP=2.5A
IC=1.5A
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
ITR03834
--1.0
--10
3
5
7
2
3
5
7
2
7 --0.01
--0.1
57
3
2
--1.0
57
3
23
2
1.0
10
3
5
7
2
3
5
7
2
7 0.01
0.1
57
3
2
1.0
57
3
23
2
ITR03835
2SA1507
IC / IB=10
2SC3902
IC / IB=10
25
°C
75
°C
Ta=--25°C
25
°C
75
°C
Ta=--25°C
2
--0.01
--0.1
57
73
2
--1.0
57
32
3
2
0.01
0.1
57
73
2
1.0
57
32
3
--10000
--1000
2
3
5
--100
2
3
5
2
3
5
10000
1000
2
3
5
100
2
3
5
2
3
5
ITR03832
ITR03833
2SC3902
IC / IB=10
2SA1507
IC / IB=10
--25
°C
25
°C
Ta=75°C
--25
°C
25
°C
Ta=75°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com