Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2124 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA2124
Description  High-Current Switching Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2124 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA2124 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 4Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 5Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 6Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SA2124
No.7920-2/7
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Base Current
IB
--400
mA
Collector Dissipation
PC
When mounted on ceramic substrate (450mm2×0.8mm)
1.3
W
Tc=25°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=--30V, IE=0A
--0.1
μA
Emitter Cutoff Current
IEBO
VEB=--4V, IC=0A
--0.1
μA
DC Current Gain
hFE1VCE=--2V, IC=--100mA
200
560
hFE2VCE=--2V, IC=--1.5A
65
Gain-Bandwidth Product
fT
VCE=--10V, IC=--300mA
440
MHz
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=--1.5A, IB=--75mA
--0.2
--0.4
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=--1.5A, IB=--75mA
--0.95
--1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=--10μA, IE=0A
--30
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=--1mA, RBE=∞
--30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=--10μA, IC=0A
--6
V
Output Capacitance
Cob
VCB=--10V, f=1MHz
17
pF
Turn-ON Time
ton
See specified Test Circuit.
45
ns
Storage Time
tstg
200
ns
Fall Time
tf
23
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SA2124-TD-E
PCP
1,000pcs./reel
Pb Free
VR
RB
VCC= --12V
VBE=5V
+
+
50
Ω
INPUT
OUTPUT
RL
220
μF
470
μF
PW=20
μs
IB1
D.C.
≤1%
IC
IB2
IC=20IB1= --20IB2= --0.5A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com