Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2124 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SA2124
Description  High-Current Switching Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2124 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SA2124 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 4Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 5Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 6Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SA2124
No.7920-4/7
0
1.4
0.6
0.8
1.0
1.2
1.3
0.4
0.2
20
060
40
80
100
140
120
160
PC -- Ta
IT07256
Ambient Temperature, Ta --
°C
Mounted
on
a
ceramic
board
(450mm
2✕
0.8mm)
PC -- Tc
Case Temperature, Tc --
°C
4.0
0.5
0
160
20
0
IT08355
40
60
80
1.0
1.5
2.0
2.5
3.0
3.5
100
120
140



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com