Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5964 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5964
Description  DC / DC Converter Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5964 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5964 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 7Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SA2125 / 2SC5964
No.7988-3/8
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
--5.0
--4.5
--4.0
--3.0
--3.5
--2.0
--2.5
--1.0
--1.5
--0.5
0
--0.4
0
--0.8
--1.2
--1.6
--2.0
--0.2
--0.6
--1.0
--1.4
--1.8
5.0
4.5
4.0
3.0
3.5
2.0
2.5
1.0
1.5
0.5
0
0.4
0
0.8
1.2
1.6
2.0
0.2
0.6
1.0
1.4
1.8
IT07258
IT07259
--10mA
--20mA
--50mA
--150mA
--250mA
--100mA
IB=0mA
--5mA
10mA
20mA
40mA
80mA
60mA
100mA
IB=0mA
5mA
2SA2125
--200mA
2SC5964
hFE -- IC
hFE -- IC
f T -- IC
f T -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
IT07262
IT07263
100
2
7
3
5
1000
7
5
3
--0.01
25
7
32
5
7
32
5
3
--0.1
--1.0
IT07264
2SA2125
VCE= --10V
3
100
2
7
1000
7
3
2
5
5
0.01
25
7
32
5
7
32
5
3
0.1
1.0
IT07265
2SC5964
VCE=10V
Ta=75
°C
25
°C
--25
°C
1000
100
7
5
7
5
3
2
3
--0.01
3
25
--0.1
73
25
7
3
25
--1.0
2SA2125
VCE= --2V
Ta=75
°C
25
°C
--25
°C
1000
100
7
7
5
3
2
0.01
3
25
0.1
73
25
7
3
25
1.0
2SC5964
VCE=2V
2SC5964
VCE=2V
IT07261
2SA2125
VCE= --2V
--3.0
--2.5
--2.0
--1.0
--0.5
--1.5
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
3.0
2.5
2.0
1.0
0.5
1.5
0
0
0.2
0.4
0.6
0.8
1.2
1.0
IT07260
IC -- VBE
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com