Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5964 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC5964
Description  DC / DC Converter Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5964 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC5964 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 7Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SA2125 / 2SC5964
No.7988-5/8
2
3
5
7
2
3
5
7
2
3
5
7
1.0
10
0.1
0.01
23
5
7
0.1
1.0
23
5
7 10
23
5
7
DC
operation
10ms
ICP=6A
IC=3A
<10
μs
1ms
100ms
A S O
PC -- Ta
Ambient Temperature, Ta --
°C
Collector-to-Emitter Voltage, VCE -- V IT07274
0
1.4
0.6
0.8
1.0
1.2
1.3
0.4
0.2
20
060
40
80
100
140
120
160
IT07275
2SA2125 / 2SC5964
2SA2125 / 2SC5964
Tc=25
°C
Single Pulse
(For PNP, minus sign is omitted.)
Mounted
on
a
ceramic
board
(250mm
2✕
0.8mm)
PC -- Tc
Case Temperature, Tc --
°C
0
4.0
3.0
2.5
3.5
2.0
1.5
1.0
0.5
20
060
40
80
100
140
120
160
IT07276
2SA2125 / 2SC5964



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com