Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV5686PVC Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV5686PVC
Description  For Car Audio Systems Multi-Power Supply IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5686PVC Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV5686PVC Datasheet HTML 1Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 2Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 3Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 4Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 5Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 6Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 7Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 8Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
92612NKPC 20120830-S00003 No.A2122-1/14
LV5686PVC
Overview
LV5686PVC is a multiple voltage regulator for Car Audio System. This IC has 3 voltage regulators, 5V output for a
microcontroller, 9.85V output for illuminations, 9V output for audio control and 6 high side switches.
About protection circuits, it has Over-current-protection, Over-voltage-protection and Thermal-shut-down. This IC is
most suitable for Car Audio System.
Features
• 3 system regulators
VDD (MCU) : VOUT 5V, IOUT max 300mA, reverse current prevention.
Illumination : VOUT 9.85V, IOUT max 300mA
Audio
: VOUT 9.0V, IOUT max 500mA
• 6 high side switches
AMP : IOUT max 300mA, voltage difference between input and output: 1.0V
ANT : IOUT max 300mA, voltage difference between input and output: 1.0V
EXT1 : IOUT max 500mA, voltage difference between input and output: 1.0V
EXT2 : IOUT max 500mA, voltage difference between input and output: 1.0V
EXT3 : IOUT max 350mA, voltage difference between input and output: 0.5V
EXT4 : IOUT max 500mA, voltage difference between input and output: 1.0V
• Over Current Protection
• BATT. Detection: under voltage1 (<6.5V), under voltage2 (<9.5V) and over voltage (>18V)
• Over Voltage Protection Typ 25V (shutdown except VDD)
• Thermal Shut Down Circuit Typ 175°C
• Applied P-LDMOS to Output stage
(Warning) The protector functions only improve the IC’s tolerance and they do not guarantee the safety of the IC if used under the
conditions out of safety range or ratings. Use of the IC such as use under overcurrent protection range, thermal shutdown
state or V6IN OVS condition may degrade the IC’s reliability and eventually damage the IC.
Bi-CMOS LSI
For Car Audio Systems
Multi-Power Supply IC
Ordering number : ENA2122


Similar Part No. - LV5686PVC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5686PVC ONSEMI-LV5686PVC Datasheet
188Kb / 14P
Multi-Power Supply IC for Car Audio Systems
August, 2013
More results

Similar Description - LV5686PVC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
For Car Audio Systems Multi-Power Supply IC
LV5696P SANYO-LV5696P Datasheet
190Kb / 14P
For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
Multi-Power Supply IC for Car Audio Systems
August, 2013
LV5686PVC ONSEMI-LV5686PVC Datasheet
188Kb / 14P
Multi-Power Supply IC for Car Audio Systems
August, 2013
LV56841PVD ONSEMI-LV56841PVD Datasheet
331Kb / 15P
For Car Audio Systems Multi-Power Supply IC
August, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com