Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV5686PVC Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV5686PVC
Description  For Car Audio Systems Multi-Power Supply IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5686PVC Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV5686PVC Datasheet HTML 1Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 2Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 3Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 4Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 5Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 6Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 7Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 8Page - Sanyo Semicon Device LV5686PVC Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LV5686PVC
No.A2122-2/14
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Conditions
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
36
V
Independent IC
1.3
W
Al heat sink *
5.3
W
Allowable power dissipation
Pd max
With an infinity heat sink
Ta
≤ 25°C
26.0
W
Peak supply voltage
VCC peak
See below for the waveform applied.
50
V
Operating ambient temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Junction temperature
Tj max
150
°C
* : When the Aluminum heat sink (50mm
× 50mm × 1.5mm) is used
Waveform of surge test
100msec
5msec
16V
50V
10%
90%
Recommended Operating Range
at Ta = 25
°C
Parameter
Conditions
Ratings
Unit
Operating supply voltage 1
VDD(5V)
6.5 to 16
V
Operating supply voltage 2
AUDIO(9V)
11.5 to 16
V
Operating supply voltage 3
ILM(9.85V)
12.5 to 16
V
Operating supply voltage 4
AMP, ANT, EXT1, EXT2, EXT3, EXT4
7.5 to 16
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com