Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVT9002 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # XVT9002
Description  26 MHz VCTCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

XVT9002 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  XVT9002 Datasheet HTML 1Page - RF Monolithics, Inc XVT9002 Datasheet HTML 2Page - RF Monolithics, Inc XVT9002 Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 3
© 2009-2012 by RF Monolithics, Inc.
XVT9002 - 2/21/12
C o n t r o l
V o l t a g e
I n p u t
V C C
1 0 n F
O u t p u t
V o l t a g e
C o n t r o l l e d
T e m p e r a t u r e
C o m p e n s a t e d
C r y s t a l
O s c i l l a t o r
1
2
3
4
A
B
C
D
E
F
G
H
I
J
K
L
M
4-Terminal Surface-Mount Seam Weld Case
3.2 x 2.5 mm Nominal Footprint
SM3225-4 Style Case
Application Circuit
Pin
Connection
1
Vcontrol
2
GND/CASE GND
3
Output
4Vcc
Top
Side
Bottom
Typical PCB Land Pattern
1
2
3
4
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.00
3.20
3.40
0.118
0.126
0.133
B
2.30
2.50
2.70
0.091
0.098
0.106
C
-
-
1.30
-
-
0.051
D
-
3.08
-
-
0.121
-
E
-
1.50
-
-
0.059
-
F
-
2.38
-
-
0.094
-
G
-
0.80
-
-
0.031
-
H
-
0.79
-
-
0.031
-
I
-
0.79
-
-
0.031
-
J
-
3.08
-
-
0.121
-
K
-
1.50
-
-
0.059
-
L
-
2.38
-
-
0.094
-
M
-
0.80
-
-
0.031
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com