Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVT9002 Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # XVT9002
Description  26 MHz VCTCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

XVT9002 Datasheet(HTML) 3 Page - RF Monolithics, Inc

  XVT9002 Datasheet HTML 1Page - RF Monolithics, Inc XVT9002 Datasheet HTML 2Page - RF Monolithics, Inc XVT9002 Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 3
© 2009-2012 by RF Monolithics, Inc.
XVT9002 - 2/21/12
Reel Dimensions
Tape Dimensions
mm
A0
B0
W
F
E
P0
P1
P2
D1
D
K0
t
Dimension
2.80
3.71
8.00
3.50
1.75
4.00
4.00
2.00
1.50
1.00
1.75
0.25
Tolerance
±0.10
±0.10
+0.30/-0.10
±0.05
±0.10
±0.10
±0.10
±0.05
+0.10/-0.00
+0.25/-0.00
±0.10
±0.02
mm
A
B
C
D
E
F
G
H
T1
T2
T3
Dimension
180
60
13.0
2.0
9.1
2.9
4.9
3.9
9.0
11.4
1.2
Tolerance
±1.0
+1.0/-0.0
±0.2
±0.5
±0.5
±0.5
±0.5
±0.5
±0.3
±1.0
±0.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com