Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8674 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ECH8674
Description  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8674 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ECH8674 Datasheet HTML 1Page - Sanyo Semicon Device ECH8674 Datasheet HTML 2Page - Sanyo Semicon Device ECH8674 Datasheet HTML 3Page - Sanyo Semicon Device ECH8674 Datasheet HTML 4Page - Sanyo Semicon Device ECH8674 Datasheet HTML 5Page - Sanyo Semicon Device ECH8674 Datasheet HTML 6Page - Sanyo Semicon Device ECH8674 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ECH8674
No. A1436-1/7
Features
•
1.8V drive
•
Composite type, facilitating high-density mounting
•
Halogen free compliance
•
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--12
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--5
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--30
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (1200mm2×0.8mm) 1unit
1.3
W
Total Power Dissipation
PT
When mounted on ceramic substrate (1200mm2×0.8mm)
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7011A-001
60612 TKIM/40809PE MSIM TC-00001911
SANYO Semiconductors
DATA SHEET
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: ECH8
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
Ordering number : ENA1436A
ECH8674
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
876
5
123
4
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain2
6 : Drain2
7 : Drain1
8 : Drain1
SANYO : ECH8
1
4
85
0.15
0 t o 0.02
0.65
2.9
0.3
To p View
Bo t t o m View
TL
TV
LOT No.
ECH8674-TL-H


Similar Part No. - ECH8674

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8674 SANYO-ECH8674 Datasheet
280Kb / 4P
General-Purpose Switching Device Applications
logo
ON Semiconductor
ECH8674 ONSEMI-ECH8674 Datasheet
308Kb / 7P
P-Channel Power MOSFET
July, 2013
ECH8674-TL-H ONSEMI-ECH8674-TL-H Datasheet
308Kb / 7P
P-Channel Power MOSFET
July, 2013
More results

Similar Description - ECH8674

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
General-Purpose Switching Device Applications
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
General-Purpose Switching Device Applications
VEC2822 SANYO-VEC2822 Datasheet
78Kb / 6P
General-Purpose Switching Device Applications
2SK4198FS SANYO-2SK4198FS Datasheet
273Kb / 5P
General-Purpose Switching Device Applications
2SK4227JS SANYO-2SK4227JS Datasheet
275Kb / 5P
General-Purpose Switching Device Applications
ATP213 SANYO-ATP213 Datasheet
262Kb / 4P
General-Purpose Switching Device Applications
BXL4001 SANYO-BXL4001 Datasheet
281Kb / 5P
General-Purpose Switching Device Applications
ECH8320 SANYO-ECH8320 Datasheet
280Kb / 4P
General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com