Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8674 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ECH8674
Description  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8674 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ECH8674 Datasheet HTML 1Page - Sanyo Semicon Device ECH8674 Datasheet HTML 2Page - Sanyo Semicon Device ECH8674 Datasheet HTML 3Page - Sanyo Semicon Device ECH8674 Datasheet HTML 4Page - Sanyo Semicon Device ECH8674 Datasheet HTML 5Page - Sanyo Semicon Device ECH8674 Datasheet HTML 6Page - Sanyo Semicon Device ECH8674 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ECH8674
No. A1436-3/7
IS -- VSD
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
SW Time -- ID
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
IT12991
IT12992
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
0.1
1.0
7
5
3
2
10
7
5
3
2
3
2
--0.1
--1.0
--10
23
5 7
--0.01
23
5 7
2
3
5 7
Ta=
--25
°C
VDS= --6V
--0.001
2
3
--0.01
2
7
5
VGS=0V
--0.01
--0.1
23
5 7
2
--1.0
--10
35 7
2
VDD= --6V
VGS= --4.5V
td(on)
td(off)
tf
IT12993
0
--2
--4
--6
1000
7
5
3
2
3
2
100
7
5
--8
--12
--10
Ciss
Coss
Crss
IT12994
10
2
3
7
3
5
7
3
5
100
1000
2
7
5
f=1MHz
t r
20
40
80
60
100
120
0
IT14503
75
°C
25
°C
3
--0.1
2
7
5
3
--1.0
2
7
5
3
--10
7
5
--60 --40 --20
0
20
40
60
80
100 120 140 160
VGS
= --1.8V
, ID=
--0.5A
VGS=
--4.5V
, ID= -
-3.0A
VGS
= --2.5V
, ID=
--1.5A
35 7
0
--2
--4
--6
--8
--1
--3
--5
--7
20
40
80
60
100
120
160
140
0
IT14502
ID= --0.5A
--3.0A
Ta=25
°C
--1.5A
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
0
--1
--2
--5
--4
--3
0
--0.2
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
IT12987
0
--1.0
--0.5
--1.5
--2.5
--2.0
0
--1
--2
--3
--6
--5
--4
IT12988
--1.5V
VDS= --6V
VGS= --1.0V
| yfs | -- I
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com