Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH6341 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # MCH6341
Description  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6341 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  MCH6341_12 Datasheet HTML 1Page - Sanyo Semicon Device MCH6341_12 Datasheet HTML 2Page - Sanyo Semicon Device MCH6341_12 Datasheet HTML 3Page - Sanyo Semicon Device MCH6341_12 Datasheet HTML 4Page - Sanyo Semicon Device MCH6341_12 Datasheet HTML 5Page - Sanyo Semicon Device MCH6341_12 Datasheet HTML 6Page - Sanyo Semicon Device MCH6341_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MCH6341
No. A1272-3/7
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
0
--1.0
--0.5
--3.0
--1.5
--3.5
--2.0
--4.0
--2.5
--4.5
--5.0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
IT13379
0
--1.5
--0.5
--2.5
--4.0
--3.5
--2.0
--1.0
--3.0
0
--2
--4
--6
--1
--3
--5
IT13380
VGS= --2.5V
--3.5V
VDS= --10V
--3.0V
IS -- VSD
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
SW Time -- ID
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
Drain-to-Source Voltage, VDS -- V
IT13383
IT13384
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
0.1
1.0
7
5
3
2
10
7
5
3
2
--0.1
2
--0.01
23
5
7
--1.0
2
35
7
Ta=
--25
°C
VDS= --10V
--0.01
2
3
--0.1
2
7
5
3
--1.0
2
7
5
VGS=0V
--0.1
--1.0
23
5
7
--10
23
5
7
VDD= --15V
VGS= --10V
td(on)
td(off)
tf
IT13385
0
--5
--10
--15
1000
7
5
5
3
2
100
7
3
--20
--30
--25
Ciss
Coss
Crss
IT13386
10
2
3
2
7
3
5
100
2
7
5
f=1MHz
t r
0--4
--2
--8
--12
--6
--10
--14
--16
20
40
60
80
120
100
140
160
0
IT13381
IT13382
ID= --1.5A
--3.0A
Ta=25
°C
75
°C
25
°C
--60
--40
--20
0
20
40
60
80
100
120
140
160
0
160
40
80
120
140
20
60
100
V GS
= --4.0V
, I D
= --1.5A
VGS
= --10V
, ID=
--3.0A
VGS
= --4.5V
, ID
= --1.5A
--10
35
7
3
--10
7
5
| yfs | -- I
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com