Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH6341 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # MCH6341
Description  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6341 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  MCH6341_12 Datasheet HTML 1Page - Sanyo Semicon Device MCH6341_12 Datasheet HTML 2Page - Sanyo Semicon Device MCH6341_12 Datasheet HTML 3Page - Sanyo Semicon Device MCH6341_12 Datasheet HTML 4Page - Sanyo Semicon Device MCH6341_12 Datasheet HTML 5Page - Sanyo Semicon Device MCH6341_12 Datasheet HTML 6Page - Sanyo Semicon Device MCH6341_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MCH6341
No. A1272-4/7
VGS -- Qg
Total Gate Charge, Qg -- nC
A S O
Drain-to-Source Voltage, VDS -- V
010
13579
2468
IT13387
0
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
VDS= --15V
ID= --5A
IT13895
--0.01
2
3
5
5
7
2
3
5
7
2
3
5
7
--10
--1.0
--0.1
2
3
--10
--1.0
2 3
57
2 3
57
2 3
5
2 3
75
--0.1
--0.01
ID= --5A
IDP= --20A
Operation in this
area is limited by RDS(on).
DC
operation
(Ta
=2
5°C)
100ms
10ms
1ms
100
μs
PW≤10
μs
Ta=25
°C
Single pulse
When mounted on ceramic substrate
(1200mm2
×0.8mm)
PD -- Ta
Ambient Temperature, Ta --
°C
IT13896
0
20
40
60
80
100
120
140
160
0
0.4
0.6
0.8
0.2
1.0
1.6
1.4
1.5
1.2
1.8
2.0
When mounted on ceramic substrate
(1200mm2
×0.8mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com